Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0782131022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0782131022
Description  Impact 4 Pair Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 B2 Length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0782131022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0782131022_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0782131022_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/21/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0782131022
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 4 Pair Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length
5.70mm , LCP, Glass Filled UL94-V0, Black, Lead-Free
Documents:
Drawing (PDF)
Packaging Specification PK-78213-001 (PDF)
Product Specification PS-78213-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
78213
Application
Conventional, Coplanar
Component Type
Power Header
Electrical Model
No
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
Style
N/A
UPC
883906578886
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
8.634/g
Number of Columns
N/A
Number of Pairs
4
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.00mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
5.20mm
Pitch - Termination Interface
2.00mm, 3.20mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
78213 Series


Similar Part No. - 0782131022_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782131022 MOLEX11-0782131022 Datasheet
42Kb / 2P
Impact 4 Pair Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
More results

Similar Description - 0782131022_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782111011 MOLEX11-0782111011 Datasheet
42Kb / 2P
Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
0782111022 MOLEX11-0782111022 Datasheet
42Kb / 2P
Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
0782131011 MOLEX11-0782131011 Datasheet
42Kb / 2P
Impact 4 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
0782131022 MOLEX11-0782131022 Datasheet
42Kb / 2P
Impact 4 Pair Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
0782151011 MOLEX11-0782151011 Datasheet
36Kb / 2P
Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
0782111022 MOLEX1-0782111022_17 Datasheet
41Kb / 2P
Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2, B1 & B2 Length
0782131011 MOLEX1-0782131011_17 Datasheet
40Kb / 2P
Impact 4 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2, B1 & B2 Length
0782151011 MOLEX1-0782151011_17 Datasheet
34Kb / 2P
Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length
0782151022 MOLEX1-0782151022_17 Datasheet
40Kb / 2P
Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2, B1 & B2 Length
0782111011 MOLEX1-0782111011_17 Datasheet
41Kb / 2P
Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2, B1 & B2 Length 6.90mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com