Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2541R24A-ADB1 Datasheet(PDF) 2 Page - Anaren Microwave

Part # A2541R24A-ADB1
Description  Anaren Integrated Radio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A2541R24A-ADB1 Datasheet(HTML) 2 Page - Anaren Microwave

  A2541R24A-ADB1 Datasheet HTML 1Page - Anaren Microwave A2541R24A-ADB1 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Anaren Integrated Radio (AIR)
Low-power RF modules, firmware & development tools that make it easy to ’go wireless’
The item described in this
product brief is part of our total
AIR Support solution. To learn
more, visit our website or just
ask us!
For more information
see product User’s
Manual, available
online.
Anaren, Inc. | 6635 Kirkville Road | East Syracuse, NY 13057
800.411.6596 | www.anaren.com/air | AIR@anaren.com
Module family overview
Nomenclature
Layout information
1403a
* The Bluetooth® word mark and logos are registered trademarks owned by
Bluetooth SIG, Inc. and any use of such marks by Anaren Inc. is under license.
Other trademarks and trade names are those of their respective owners.
A
(Anaren)
1 Chip series
(CC1101, CC2500, CC2530, CC2541)
2 Function
(R = radio only, E=Range Extender)
3 Frequency band
(x100MHz)
4 For m factor
(A = Internal Antenna)
5 Module Type
(EM1 = Eval Module, EZ4x = EZ-430
Module, LPx / A DBx = Booster Pac k)
General:
2.4-GHz RF transceiver incorporating
Bluetooth SMART technology per the Bluetooth 4.0
core specification
Excellent receiver sensitivity and robustness to
interference (-89/-94dBm typical in BLE LGM/HGM
mode with <0.1% BER)
Wide input voltage range (2.0V – 3.6V)
Features TI TPS62730 step-down converter for
optimal power usage
Features 32.768kHz crystal for enabling ultra-low
power sleep timer
Choice of integral antenna or U.FL connector
100% RF tested in production
Module weight approximately 0.7 grams
Current Consumption: (Typ @ TC = 25°C, VDD = 3.0V)
Active mode RX (CPU Idle): 14 mA
Active mode TX (CPU Idle): 13 mA @0dBm, w ith 3
low pow er/sleep modes from 0.5uA to 270 uA
Microcontroller:
High-performance and low-power 8051
Microcontroller core with code prefetch
256KB in-system programmable flash and 8KB
RAM with retention in all power modes
Firmware:
Preloaded with Emmoco firmware featuring
Bluetooth SMART technology, designed for easy
implementation of embedded-mobile-connectivity
This product is not to be us ed in any implantable medical device or external medical
device intended to regulate or monitor biological functions, including but not limited to
devices such as pac emakers, defibrillators, cardiac resync hronization devices,
pressure sens ors, biochemical stimulators and neurostimulators. ANA RE N MAKE S
NO WA RRA NTY OF FITNESS O R ME RCHA NTABILITY OF THIS PRO DUCT FOR
ANY USE OF THIS TYPE . Anaren shall not be responsible for any consequential
damages arising from the sale or use of this product for any use of this type. The
ultimate user of the product assumes all risk of personal injury or death arising from
a prohibited use.
IMPORTANT: The A2541R24A-ADB1 BoosterPack is a tool to aid in the development and testing of
wireless communication applications; it is not to be used in the actual production of wireless end-
products or for resale as a wireless communications network.
BoosterPack features shown below; see User’s Manual
for more information.
A AIR Radio Module
B External MCU connection
C Launchpad configuration jumpers
D SoC reset switch
E MSP430 MCU provision
F Current sensing
G Administrative UART
H LEDs
I
Control switches
J
Switch
K
Voltage regulator bypass
To view the entire family of AIR modules & development
tools, please visit our website at:
http://www.anaren.com/air
PLEASE NOTE: Additional information on the Texas Instruments
CC2541 can be found at http://www.ti.com
UPDA
TE


Similar Part No. - A2541R24A-ADB1

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
A2541-H02 COOLCOX-A2541-H02 Datasheet
2Mb / 14P
40 x 40 x 10mm High Quality DC Fan
A2541A-TP2 COOLCOX-A2541A-TP2 Datasheet
2Mb / 14P
40 x 40 x 10mm High Quality DC Fan
A2541A-TP8 COOLCOX-A2541A-TP8 Datasheet
2Mb / 14P
40 x 40 x 10mm High Quality DC Fan
logo
Anaren Microwave
A2541E24A ANAREN-A2541E24A Datasheet
914Kb / 2P
Anaren Integrated Radio
More results

Similar Description - A2541R24A-ADB1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
66089 ANAREN-66089 Datasheet
165Kb / 1P
Anaren Integrated Radio
A2541E24A ANAREN-A2541E24A Datasheet
914Kb / 2P
Anaren Integrated Radio
logo
NXP Semiconductors
TEF6902A NXP-TEF6902A Datasheet
504Kb / 106P
Integrated car radio
Rev. 03-19 March 2008
TEF6903A NXP-TEF6903A Datasheet
521Kb / 110P
Integrated car radio
Rev. 03-3 April 2008
TEF6904A NXP-TEF6904A Datasheet
512Kb / 108P
Integrated car radio
Rev. 03-20 March 2008
TEF6902A PHILIPS-TEF6902A_15 Datasheet
504Kb / 106P
Integrated car radio
Rev. 03-19 March 2008
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
Integrated Bluetooth Radio
logo
NXP Semiconductors
TEF6901A NXP-TEF6901A Datasheet
511Kb / 107P
Integrated car radio
Rev. 03-20 March 2008
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
Car radio integrated signal processor
2003 Oct 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com