Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2541R24A-ADB1 Datasheet(PDF) 1 Page - Anaren Microwave

Part # A2541R24A-ADB1
Description  Anaren Integrated Radio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A2541R24A-ADB1 Datasheet(HTML) 1 Page - Anaren Microwave

  A2541R24A-ADB1 Datasheet HTML 1Page - Anaren Microwave A2541R24A-ADB1 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anaren, Inc. | 6635 Kirkville Road | East Syracuse, NY 13057
800.411.6596 | www.anaren.com/air | AIR@anaren.com
Anaren Integrated Radio (AIR)
Low-power RF modules, firmware & development tools that make it easy to ’go wireless’
Features
Benefits
Applications
Kit:
Includes one A2541R24A AIR Module BoosterPack,
for connection to TI’s MSP430, TiVA-C, C2000, and
other LaunchPad development tools (not included)
Each BoosterPack includes indicator LEDs, current
monitoring circuitry, and provision for an on-board
MSP430 Value Line microprocessor
Includes B-SMART breakout cable for easy
connection to a wide variety of processors
AIR Module:
Incorporates TI’s CC2541 SoC
Tiny 11x19x2.5 mm footprint
Pre-certified to FCC/IC and ETSI compliant
Low power consumption
Firmware:
Comes with Emmoco firmware (based on TI BLE
Stack), designed for easy implementation of
embedded-mobile-connectivity. Emmoco software
and tools enable easy communication between an
embedded device and Bluetooth SMART Ready
phones and tablets
Emmoco’s Em-Builder tools and Schema concept
generate code that makes sharing data between
embedded and mobile devices easy
A2541R24A-ADB1
The A2541R24A-ADB1 B-SMART BoosterPack kit is a development tool designed for use
with the TI MSP430TM Value Line, TiVA-C, C2000 and other LaunchPad kits. The kit eases
development of products that wirelessly communicate with devices incorporating
Bluetooth® SMART technology per the Bluetooth 4.0 core specification*. The BoosterPack
features an A2541R24A20 AIR module (based on TI’s CC2541 low-power SoC) and is pre-
loaded with Em-Ware firmware from Emmoco (based on TI’s BLE-Stack).
BoosterPack Series
Provides “out of the box” wireless connectivity for
easier development of applications based on the
Bluetooth SMART standard
Includes Emmoco firmware solution (based on TI’s
BLE-Stack), which compresses time to market by
greatly reducing the development time
Provides an excellent learning/development tool for
all levels of Bluetooth SMART expertise – as well
as a clear, easy-to-understand migration path from
development to production
Part of the AIR Support—for Bluetooth SMART, a
total solution from Anaren that includes
development tools, firmware, applications support,
and more
Industrial controls and monitoring, remote controls,
home/building automation, lighting systems, low power
wireless sensor networks, and consumer electronics,
sports monitoring, health & wellness, among many others
The A2541R24A-ADB1 BoosterPack snaps onto the TI LaunchPad (sold
separately) or connects to other processors via the included cable.
Applications are written in an easy-to-use
schema format, and then pushed to a handheld
device which interacts with the BoosterPack


Similar Part No. - A2541R24A-ADB1

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
A2541-H02 COOLCOX-A2541-H02 Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
A2541A-TP2 COOLCOX-A2541A-TP2 Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
A2541A-TP8 COOLCOX-A2541A-TP8 Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
logo
Anaren Microwave
A2541E24A ANAREN-A2541E24A Datasheet
914Kb / 2P
   Anaren Integrated Radio
More results

Similar Description - A2541R24A-ADB1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
66089 ANAREN-66089 Datasheet
165Kb / 1P
   Anaren Integrated Radio
A2541E24A ANAREN-A2541E24A Datasheet
914Kb / 2P
   Anaren Integrated Radio
logo
NXP Semiconductors
TEF6902A NXP-TEF6902A Datasheet
504Kb / 106P
   Integrated car radio
Rev. 03-19 March 2008
TEF6903A NXP-TEF6903A Datasheet
521Kb / 110P
   Integrated car radio
Rev. 03-3 April 2008
TEF6904A NXP-TEF6904A Datasheet
512Kb / 108P
   Integrated car radio
Rev. 03-20 March 2008
TEF6902A PHILIPS-TEF6902A_15 Datasheet
504Kb / 106P
   Integrated car radio
Rev. 03-19 March 2008
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
   Integrated Bluetooth Radio
logo
NXP Semiconductors
TEF6901A NXP-TEF6901A Datasheet
511Kb / 107P
   Integrated car radio
Rev. 03-20 March 2008
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com