Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78S4 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78S4
Description  Universal Switching Regulator Subsystem
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78S4 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM78S4 Datasheet HTML 2Page - National Semiconductor (TI) LM78S4 Datasheet HTML 3Page - National Semiconductor (TI) LM78S4 Datasheet HTML 4Page - National Semiconductor (TI) LM78S4 Datasheet HTML 5Page - National Semiconductor (TI) LM78S4 Datasheet HTML 6Page - National Semiconductor (TI) LM78S4 Datasheet HTML 7Page - National Semiconductor (TI) LM78S4 Datasheet HTML 8Page - National Semiconductor (TI) LM78S4 Datasheet HTML 9Page - National Semiconductor (TI) LM78S4 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications (Continued)
Characteristic
Condition
Typical
Value
Output Voltage
I
O = 50 mA
25V
Line Regulation
5.0V
≤ V
I ≤ 15V
4.0 mV
Load Regulation
5.0 mA
≤ I
O
2.0 mV
I
O ≤ 100 mA
Max Output Current
V
O = 23.75V
160 mA
Output Ripple
I
O = 50 mA
30 mV
Efficiency
I
O = 50 mA
79%
Standby Current
I
O = 50 mA
2.6 mA
Characteristic
Condition
Typical
Value
Output Voltage
I
O = 100 mA
−15V
Line Regulation
8.0V
≤ V
I ≤ 18V
5.0 mV
Load Regulation
5.0 mA
≤ I
O
3.0 mV
I
O ≤ 150 mA
Max Output Current
V
O = 14.25V
160 mA
Output Ripple
I
O = 100 mA
20 mV
Efficiency
I
O = 100 mA
70%
Standby Current
I
O = 100 mA
2.3 mA
DS010057-4
FIGURE 2. Typical Step-Up Regulator and
Operational Performance (T
A = 25˚C)
DS010057-5
FIGURE 3. Typical Inverting Regulator and
Operational Performance (T
A = 25˚C)
7
www.national.com


Similar Part No. - LM78S4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78S40 TI1-LM78S40 Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40CN/NOPB TI1-LM78S40CN/NOPB Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40N/NOPB TI1-LM78S40N/NOPB Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
More results

Similar Description - LM78S4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UA78S40 ONSEMI-UA78S40 Datasheet
124Kb / 8P
   UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
logo
Texas Instruments
LM78S40 TI1-LM78S40 Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Allegro MicroSystems
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
   Universal-Input/20 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com