Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78S4 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78S4
Description  Universal Switching Regulator Subsystem
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78S4 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM78S4 Datasheet HTML 1Page - National Semiconductor (TI) LM78S4 Datasheet HTML 2Page - National Semiconductor (TI) LM78S4 Datasheet HTML 3Page - National Semiconductor (TI) LM78S4 Datasheet HTML 4Page - National Semiconductor (TI) LM78S4 Datasheet HTML 5Page - National Semiconductor (TI) LM78S4 Datasheet HTML 6Page - National Semiconductor (TI) LM78S4 Datasheet HTML 7Page - National Semiconductor (TI) LM78S4 Datasheet HTML 8Page - National Semiconductor (TI) LM78S4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
Ceramic DIP
−65˚C to +175˚C
Molded DIP
−65˚C to +150˚C
Operating Temperature Range
Extended (LM78S40J)
−55˚C to +125˚C
Industrial (LM78S40N)
−40˚C to +125˚C
Commercial (LM78S40CN)
0˚C to +70˚C
Lead Temperature
Ceramic DIP (Soldering, 60 sec.)
300˚C
Molded DIP (Soldering, 10 sec.)
265˚C
Internal Power Dissipation (Note 2) (Note 3)
16L-Ceramic DIP
1.50W
16L-Molded DIP
1.04W
Input Voltage from V
IN to GND
40V
Input Voltage from V
+ (Op Amp)
to GND
40V
Common Mode Input Range
(Comparator and Op Amp)
−0.3 to V+
Differential Input Voltage
(Note 4)
±30V
Output Short Circuit
Duration (Op Amp)
Continuous
Current from V
REF
10 mA
Voltage from Switch
Collectors to GND
40V
Voltage from Switch
Emitters to GND
40V
Voltage from Switch
Collectors to Emitter
40V
Voltage from Power Diode to GND
40V
Reverse Power Diode Voltage
40V
Current through Power Switch
1.5A
Current through Power Diode
1.5A
ESD Susceptibility
(to be determined)
LM78S40
Electrical Characteristics (Note 5)
T
A = Operating temperature range, VIN = 5.0V, V
+(Op Amp) = 5.0V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GENERAL CHARACTERISTICS
I
CC
Supply Current
V
IN = 5.0V
1.8
3.5
mA
(Op Amp Disconnected)
V
IN = 40V
2.3
5.0
mA
I
CC
Supply Current
V
IN = 5.0V
4.0
mA
(Op Amp Connected)
V
IN = 40V
5.5
mA
REFERENCE SECTION
V
REF
Reference Voltage
I
REF = 1.0 mA
Extend −55˚C < T
A <
+125˚C,
Comm 0 < T
A < +70˚C,
1.180
1.245
1.310
V
Indus −40˚C < T
A < +85˚C
V
R LINE
Reference Voltage
V
IN = 3.0V to VIN = 40V,
0.04
0.2
mV/V
Line Regulation
I
REF = 1.0 mA, TA = 25˚C
V
R LOAD
Reference Voltage
I
REF = 1.0 mA to IREF = 10 mA,
0.2
0.5
mV/mA
Load Regulation
T
A = 25˚C
OSCILLATOR SECTION
I
CHG
Charging Current
V
IN = 5.0V, TA = 25˚C
20
50
µA
I
CHG
Charging Current
V
IN = 40V, TA = 25˚C
20
70
µA
I
DISCHG
Discharge Current
V
IN = 5.0V, TA = 25˚C
150
250
µA
I
DISCHG
Discharge Current
V
IN = 40V, TA = 25˚C
150
350
µA
V
OSC
Oscillator Voltage Swing
V
IN = 5.0V, TA = 25˚C
0.5
V
t
on/toff
Ratio of Charge/
6.0
µs/µs
Discharge Time
CURRENT LIMIT SECTION
V
CLS
Current Limit Sense
Voltage
T
A = 25˚C
250
350
mV
OUTPUT SWITCH SECTION
V
SAT 1
Output Saturation Voltage 1
I
SW = 1.0A (Figure 1)
1.1
1.3
V
V
SAT 2
Output Saturation Voltage 2
I
SW = 1.0A (Figure 2)
0.45
0.7
V
3
www.national.com


Similar Part No. - LM78S4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78S40 TI1-LM78S40 Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40CN/NOPB TI1-LM78S40CN/NOPB Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40N/NOPB TI1-LM78S40N/NOPB Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
More results

Similar Description - LM78S4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UA78S40 ONSEMI-UA78S40 Datasheet
124Kb / 8P
   UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
logo
Texas Instruments
LM78S40 TI1-LM78S40 Datasheet
343Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Allegro MicroSystems
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
   Universal-Input/20 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com