Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1165LP5ETR Datasheet(PDF) 6 Page - Analog Devices

Part # HMC1165LP5ETR
Description  Dual output frequency range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1165LP5ETR Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC1165LP5ETR Datasheet HTML 2Page - Analog Devices HMC1165LP5ETR Datasheet HTML 3Page - Analog Devices HMC1165LP5ETR Datasheet HTML 4Page - Analog Devices HMC1165LP5ETR Datasheet HTML 5Page - Analog Devices HMC1165LP5ETR Datasheet HTML 6Page - Analog Devices HMC1165LP5ETR Datasheet HTML 7Page - Analog Devices HMC1165LP5ETR Datasheet HTML 8Page - Analog Devices HMC1165LP5ETR Datasheet HTML 9Page - Analog Devices HMC1165LP5ETR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
HMC1165
Rev. 0 | Page 5 of 11
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17
1
3
4
2
NC
NC
NC
NC
5
6
GND
NC
7
NC
8
NC
NC
18 NC
19 RFOUT
20 NC
21 VCC
22 NC
23 NC
24 NC
HMC1165
TOP VIEW
(Not to Scale)
NOTES
1. NO CONNECT. HOWEVER, THESE PINS CAN BE CONNECTED TO RF/DC
GROUND WITHOUT AFFECTING THE PERFORMANCE OF THE DEVICE.
2. EXPOSED PAD. THE PACKAGE BOTTOM HAS AN EXPOSED METAL
PAD THAT MUST BE CONNECTED TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 4, 6 to 10, 13 to 18, 20, 22 to
28, 30 to 32
NC
No Connect. However, these pins can be connected to RF/dc ground without affecting
the performance of the device.
5, 11
GND
Ground. These pins must be connected to RF/dc ground.
12
RFOUT/2
Half Frequency Output. This pin is ac-coupled.
19
RFOUT
RF Output. This pin is ac-coupled.
21
VCC
Supply Voltage (5 V).
29
VTUNE
Control Voltage and Modulation Input. The modulation bandwidth is dependent on the
drive source impedance.
EP
Exposed Pad. The package bottom has an exposed metal pad that must be connected
to RF/dc ground.


Similar Part No. - HMC1165LP5ETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
   Dual output frequency range
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
More results

Similar Description - HMC1165LP5ETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com