Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7--59683--6 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 7--59683--6
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7--59683--6 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  7--59683--6 Datasheet HTML 1Page - TE Connectivity Ltd 7--59683--6 Datasheet HTML 2Page - TE Connectivity Ltd 7--59683--6 Datasheet HTML 3Page - TE Connectivity Ltd 7--59683--6 Datasheet HTML 4Page - TE Connectivity Ltd 7--59683--6 Datasheet HTML 5Page - TE Connectivity Ltd 7--59683--6 Datasheet HTML 6Page - TE Connectivity Ltd 7--59683--6 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
408- 10040
3
of 7
Rev E
4. CRIMP INSPECTION
Inspect crimped terminals by checking the features
described in Figure 4. Terminals, not meeting the
described conditions should NOT Be used.
5. INSULATION CRIMP ADJUSTMENTS
The insulation crimping section of the hand tool has
three positions: 1 (tight), 2 (medium), and 3 (loose).
To adjust the section:
1. Insert the insulation crimp adjustment pins into
the No. 3 position. Refer to Figure 1.
2. Place the terminal into the crimping jaws as
shown in Figure 3.
3. Insert the UNSTRIPPED wire into ONLY the
insulation barrel (refer to Figure 3) portion of the
terminal.
4. Close the tool handles to complete the crimp.
5. Removed the crimped terminal and check the
insulation crimp by bending the wire back and forth
once. The terminal should retain its grip on the wire
insulation. If the wire pulls out, set the insulation
crimp adjustment pins to the next higher position
(No. 2).
6. Perform another crimp and repeat the
adjustment as necessary until the correct insulation
grip is attained. Do not use a tighter setting than
required.
Make sure that both insulation crimp adjustment
pins are in the same position.
Figure 4
1
Insulation barrel is in firm contact with wire insulation.
2
Correct color code, dot code, and tool combination.
3
Wire size is within wire range stamped under terminal tongue.
4
Crimp centered on wire barrel.
5
End of conductor is flush with, or extends beyond end of
terminal wire barrel.
6
Wire insulation does not enter wire barrel.
7
No nicked or missing conductor strands.
1
Wire insulation extruded. (Insulation crimp too tight on terminals.)
See Paragraph 5.1.
2
Wrong dot code and color code combination. See Figure 2.
3
Wire size is not within wire range stamped on terminal tongue.
4
Crimp not centered on wire barrel. (Terminal was not butted
against locator. See Figure 4.)
5
End of conductor is not flush with or extending beyond end of wire
barrel. (Check for correct strip length.)
6
Wire insulation entered wire barrel.
7
Nicked or missing conductor strands.
ACCEPT
REJECT
Wire Range
Stamped Here
Wire Range
Stamped Here
1
2
4
5
3
5
6
7
4
5
1
2
3
6
7
5
7
CAUTION
!


Similar Description - 7--59683--6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com