Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYBLE-212006-01 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYBLE-212006-01
Description  Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYBLE-212006-01 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYBLE-212006-01 Datasheet HTML 6Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 7Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 8Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 9Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 10Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 11Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 12Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 13Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Document Number: 002-15631 Rev.*B
Page 10 of 39
PRELIMINARY
CYBLE-212006-01
CYBLE-202007-01
CYBLE-202013-11
Power Supply Connections and Recommended External Components
Power Connections
The CYBLE-2X20XX-X1 contains two power supply connec-
tions, VDD and VDDR. The VDD connection supplies power for
both digital and analog device operation. The VDDR connection
supplies power for the device radio.
VDD accepts a supply range of 1.71 V to 5.5 V. VDDR accepts
a supply range of 2.0V to 3.6V. These specifications can be
found in Table 12. The maximum power supply ripple for both
power connections on the module is 100 mV, as shown in
Table 10.
The power supply ramp rate of VDD must be equal to or greater
than that of VDDR.
Connection Options
Two connection options are available for any application:
1. Single supply: Connect VDD and VDDR to the same supply.
2. Independent supply: Power VDD and VDDR separately.
External Component Recommendation
In either connection scenario, it is recommended to place an
external ferrite bead between the supply and the module
connection. The ferrite bead should be positioned as close as
possible to the module pin connection.
Figure 7 details the recommended host schematic options for a
single supply scenario. The use of one or two ferrite beads will
depend on the specific application and configuration of the
CYBLE-2X20XX-X1.
Figure 8 details the recommended host schematic for an
independent supply scenario.
The recommended ferrite bead value is 330
, 100 MHz. (Murata
BLM21PG331SN1D).
Figure 7. Recommended Host Schematic Options for a Single Supply Option
Two Ferrite Bead Option (Seen from Bottom)
Single Ferrite Bead Option (Seen from Bottom)


Similar Part No. - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212019-00 CYPRESS-CYBLE-212019-00 Datasheet
1Mb / 38P
   EZ-BLETM PRoCTM Module
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
More results

Similar Description - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
   Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
   Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
   3.0 mm 횞 7.0 mm
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
   1.75 mm 횞 7.0 mm
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
   Compact size 횠22 횞 10.9 mm
logo
Panasonic Semiconductor
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
   5.0 mm 횞 2.0 mm Series
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
   SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com