Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYBLE-212006-01 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYBLE-212006-01
Description  Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYBLE-212006-01 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYBLE-212006-01 Datasheet HTML 5Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 6Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 7Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 8Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 9Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 10Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 11Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 12Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Document Number: 002-15631 Rev.*B
Page 9 of 39
PRELIMINARY
CYBLE-212006-01
CYBLE-202007-01
CYBLE-202013-11
Digital and Analog Capabilities and Connections
Table 4 details the solder pad connection definitions and available functions for each connection pad. Table 4 lists the solder pads on
CYBLE-2X20XX-X1, the BLE device port-pin, and denotes whether the function shown is available for each solder pad. Each
connection is configurable for a single option shown with a
.
Table 4. Solder Pad Connection Definitions
Solder Pad
Number
Device
Port Pin
UART
SPI
I2C
TCPWM[4,5]
CapSense
WCO
Out
ECO
Out
LCD
SWD
GPIO
1
GND
Ground Connection
2
XRES
External Reset Hardware Connection Input
3P4.0[6]
(SCB1_RTS) (SCB1_MOSI)
(TCPWM0_P) (C
MOD)
✓✓
4P3.7
(SCB1_CTS)
(TCPWM) (Sensor) ✓✓
5P3.6
(SCB1_RTS)
(TCPWM) (Sensor)
✓✓
6P3.5
(SCB1_TX)
(SCB1_SCL) (TCPWM) (Sensor)
✓✓
7P3.4
(SCB1_RX)
(SCB1_SDA) (TCPWM) (Sensor)
✓✓
8VREF
Reference Voltage Input (Optional)
9P2.6
(TCPWM) (Sensor)
✓✓
10
P2.4
(TCPWM) (Sensor)
✓✓
11
P2.3
(TCPWM) (Sensor) ✓✓
12
P2.2
(SCB0_SS3)
(TCPWM) (Sensor)
✓✓
13
P2.0
(SCB0_SS1)
(TCPWM) (Sensor)
✓✓
14
P1.7
(SCB0_CTS) (SCB0_SCLK
(TCPWM) (Sensor)
✓✓
15
P1.6
(SCB0_RTS) (SCB0_SS0)
(TCPWM) (Sensor)
✓✓
16
P1.5
(SCB0_TX) (SCB0_MISO) (SCB0_SCL) (TCPWM) (Sensor)
✓✓
17
P1.4
(SCB0_RX) (SCB0_MOSI) (SCB0_SDA) (TCPWM) (Sensor)
✓✓
18
P0.7
(SCB0_CTS) (SCB0_SCLK
(TCPWM) (Sensor)
✓ ✓(SWDCLK)
19
P1.0
(TCPWM) (Sensor)
✓✓
20
P0.4
(SCB0_RX) (SCB0_MOSI) (SCB0_SDA) (TCPWM) (Sensor)
✓✓
21
P0.5
(SCB0_TX) (SCB0_MISO) (SCB0_SCL) (TCPWM) (Sensor)
✓✓
22
VDD
Digital Power Supply Input (1.8 to 5.5V)
23
P0.6
(SCB0_RTS) (SCB0_SS0)
(TCPWM) (Sensor)
✓ ✓(SWDIO)
24
GND[7]
Ground Connection
25
GND
Ground Connection
26
GND
Ground Connection
27
GND
Ground Connection
28
VDDR
Radio Power Supply (2V to 3.6V)
29
GND
RF Ground Connection for use with CYBLE-202013-11 only; No Connect for CYBLE-212006-01 and CYBLE-202007-01
30
ANT
RF Pin to External Antenna for use with CYBLE-202013-11 only; No Connect for CYBLE-212006-01 and CYBLE-202007-01
Notes
4. TCPWM: Timer, Counter, and Pulse Width Modulator. If supported, the pad can be configured to any of these peripheral functions.
5. TCPWM connections on ports 0, 1, 2, and 3 can be routed through the Digital Signal Interconnect (DSI) to any of the TCPWM blocks and can be either positive
or negative polarity. TCPWM connections on port 4 are direct and can only be used with the specified TCPWM block and polarity specified above.
6. When using the capacitive sensing functionality, Pad 3 (P4.0) must be connected to a CMOD capacitor (located off of Cypress BLE Module). The value of this
capacitor is 2.2 nF and should be placed as close to the module as possible.
7. The main board needs to connect all GND connections (Pad 24/25/26/27) on the module to the common ground of the system.
8. If the I2S feature is used in the design, the I2S pins shall be dynamically routed to the appropriate available GPIO by PSoC Creator.


Similar Part No. - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212019-00 CYPRESS-CYBLE-212019-00 Datasheet
1Mb / 38P
   EZ-BLETM PRoCTM Module
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
More results

Similar Description - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
   Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
   Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
   3.0 mm 횞 7.0 mm
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
   1.75 mm 횞 7.0 mm
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
   Compact size 횠22 횞 10.9 mm
logo
Panasonic Semiconductor
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
   5.0 mm 횞 2.0 mm Series
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
   SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com