Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYBLE-212006-01 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYBLE-212006-01
Description  Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYBLE-212006-01 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYBLE-212006-01 Datasheet HTML 1Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 2Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 3Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 4Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 5Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 6Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 7Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 8Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Document Number: 002-15631 Rev.*B
Page 5 of 39
PRELIMINARY
CYBLE-212006-01
CYBLE-202007-01
CYBLE-202013-11
Figure 1. Module Mechanical Drawing
Top View
Bottom View
Side View
Note
3. No metal or traces should be located beneath or above the antenna area. Only bare PCB material should be located beneath the antenna area. For more information
on recommended host PCB layout, see Figure 3, Figure 4, Figure 5, and Figure 6 and Table 3.


Similar Part No. - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212019-00 CYPRESS-CYBLE-212019-00 Datasheet
1Mb / 38P
   EZ-BLETM PRoCTM Module
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
More results

Similar Description - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
   Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
   Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
   3.0 mm 횞 7.0 mm
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
   1.75 mm 횞 7.0 mm
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
   Compact size 횠22 횞 10.9 mm
logo
Panasonic Semiconductor
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
   5.0 mm 횞 2.0 mm Series
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
   SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com