Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 18Page - Cypress Semiconductor MB3793-34A Datasheet HTML 19Page - Cypress Semiconductor MB3793-34A Datasheet HTML 20Page - Cypress Semiconductor MB3793-34A Datasheet HTML 21Page - Cypress Semiconductor MB3793-34A Datasheet HTML 22Page - Cypress Semiconductor MB3793-34A Datasheet HTML 23Page - Cypress Semiconductor MB3793-34A Datasheet HTML 24Page - Cypress Semiconductor MB3793-34A Datasheet HTML 25Page - Cypress Semiconductor MB3793-34A Datasheet HTML 26Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 23 of 26
17. MB3793-34APNF Recommended Conditions Of Moisture Sensitivity Level
[Temperature Profile for FJ Standard IR Reflow]
1. IR (infrared reflow)
2. Manual soldering (partial heating method)
Conditions
: Temperature 400°C Max
Times
: 5 s max/pin
Item
Condition
Mounting Method
IR (infrared reflow) , Manual soldering (partial heating method)
Mounting times
2 times
Storage period
Before opening
Please use it within two years after
Manufacture.
From opening to the 2nd
reflow
Less than 8 days
When the storage period after
opening was exceeded
Please processes within 8 days
after baking (125°C, 24H)
Storage conditions
5°C to 30°C, 70%RH or less (the lowest possible humidity)
260
°C
(e)
(d')
(d)
255
°C
170
°C
190
°C
RT
(b)
(a)
(c)
to
Note : Temperature : the top of the package body
(a) Temperature Increase gradient : Average 1°C/s to 4°C/s
(b) Preliminary heating
: Temperature 170°C to 190°C, 60s to 180s
(c) Temperature Increase gradient : Average 1°C/s to 4°C/s
(d) Peak temperature
: Temperature 260°C Max; 255°C or more, 10s or less
(d’) Main heating
: Temperature 230°C or more, 40s or less
or
Temperature 225°C or more, 60s or less
or
Temperature 220°C or more, 80s or less
(e) Cooling
: Natural cooling or forced cooling
H rank : 260°C Max
Main heating


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
   Free-fall detection
May 2017 Rev 6
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
   Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
   Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
   Detection of Methane
logo
NXP Semiconductors
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
   Detection of Nitrogen Dioxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com