Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 17Page - Cypress Semiconductor MB3793-34A Datasheet HTML 18Page - Cypress Semiconductor MB3793-34A Datasheet HTML 19Page - Cypress Semiconductor MB3793-34A Datasheet HTML 20Page - Cypress Semiconductor MB3793-34A Datasheet HTML 21Page - Cypress Semiconductor MB3793-34A Datasheet HTML 22Page - Cypress Semiconductor MB3793-34A Datasheet HTML 23Page - Cypress Semiconductor MB3793-34A Datasheet HTML 24Page - Cypress Semiconductor MB3793-34A Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 21 of 26
12. Usage Precaution
1. Do not configure the IC over the maximum ratings
If the lC is used over the maximum ratings, the LSl may be permanently damaged.
It is preferable for the device to normally operate within the recommended usage conditions. Usage outside of these conditions
can have a bad effect on the reliability of the LSI.
2. Use the devices within recommended operating conditions
The recommended operating conditions are under which the LSl is guaranteed to operate.
The electrical ratings are guaranteed when the device is used within the recommended operating conditions and under the condi-
tions stated for each item.
3. Printed circuit board ground lines should be set up with consideration for common impedance
4. Take appropriate measures against static electricity
• Containers for semiconductor materials should have anti-static protection or be made of conductive material.
• After mounting, printed circuit boards should be stored and shipped in conductive bags or containers.
• Work platforms, tools, and instruments should be properly grounded.
• Working personnel should be grounded with resistance of 250 k
 to 1 M between body and ground.
5. Do not apply negative voltages
The use of negative voltages below –0.3 V may create parasitic transistors on LSI lines, which can cause malfunctions.
13. Ordering Information
Part number
Package
Remarks
MB3793-34APNF
8-pin plastic SOP
(FPT-8P-M02)


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
Free-fall detection
May 2017 Rev 6
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
Detection of Nitrogen Dioxide
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
Detection of Methane
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com