Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 16Page - Cypress Semiconductor MB3793-34A Datasheet HTML 17Page - Cypress Semiconductor MB3793-34A Datasheet HTML 18Page - Cypress Semiconductor MB3793-34A Datasheet HTML 19Page - Cypress Semiconductor MB3793-34A Datasheet HTML 20Page - Cypress Semiconductor MB3793-34A Datasheet HTML 21Page - Cypress Semiconductor MB3793-34A Datasheet HTML 22Page - Cypress Semiconductor MB3793-34A Datasheet HTML 23Page - Cypress Semiconductor MB3793-34A Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 20 of 26
11.2 Supply voltage monitor and watchdog timer stop
3. Setting of compulsory reset
GND
CTW*CTP*
VCC
RESET
VCC
CK
GND
RESET
VCC
CK
GND
HALT
HALT
5
2
3
6
4
7
8
1
RESET
GND
VCC
INH
CTW
CK1
CK2
CTP
MB3793
* : Use a capacitor with less leakage current.
Microprocessor1
Microprocessor2
* : Use a capacitor with less leakage current.
It is possible for the RESET pin to fix to “L” if the CTP pin is short-circuited to GND.
Take care not to change the value of the CTP capacity because of the influence of Tr that is used at
the time.
5
2
3
6
4
7
8
1
RESET
VCC
RESET
CK
GND
GND
GND
CTW*
CTP*
RESIN
10 k
Ω
VCC
VCC
CTW
CTP
CK1
CK2
INH
MB3793
Microprocessor


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
Free-fall detection
May 2017 Rev 6
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
Detection of Nitrogen Dioxide
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
Detection of Methane
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com