Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 10Page - Cypress Semiconductor MB3793-34A Datasheet HTML 11Page - Cypress Semiconductor MB3793-34A Datasheet HTML 12Page - Cypress Semiconductor MB3793-34A Datasheet HTML 13Page - Cypress Semiconductor MB3793-34A Datasheet HTML 14Page - Cypress Semiconductor MB3793-34A Datasheet HTML 15Page - Cypress Semiconductor MB3793-34A Datasheet HTML 16Page - Cypress Semiconductor MB3793-34A Datasheet HTML 17Page - Cypress Semiconductor MB3793-34A Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 14 of 26
9. Operation Sequence
9.1 Positive clock pulse input
Refer to “8.1. Basic operation (positive clock pulse)” under “8. Timing Diagram”.
9.2 Negative clock pulse input
Refer to “8.2. Basic operation (negative clock pulse)” under “8.Timing Diagram”.
The MB3793 operates in the same way whether it inputs positive or negative pulses.
9.3 Single-clock input monitoring
To use the MB3793 while monitoring only one clock, connect clock pins CK1 and CK2.
Although the MB3793 operates basically in the same way as when monitoring two clocks, it monitors the clock signal at every other
input pulse.
Refer to “8.3. Single-clock input monitoring (positive clock pulse)” under “8.Timing Diagram”.
9.4 Description of Operations
The numbers given to the following items correspond to numbers 1 to 13 used in “8.Timing Diagram”.
1. The MB3793 outputs a reset signal when the supply voltage (VCC) reaches about 0.8 V (VCCL).
2. If VCC reaches or exceeds the rise-time detected voltage VSH, the MB3793 starts charging the power-on reset hold time setting
capacitor CTP. At this time, the output remains in a reset state. The VSH value is 3.48 V (Typ).
3. When CTP has been charged for a certain period of time TPR (until the CTP pin voltage exceeds the threshold voltage (Vth) after
the start of charging), the MB3793 cancels the reset (setting the RESET pin to “H” level from “L” level).
The Vth value is about 3.6 V with VCC = 5.0 V
The power-on reset hold time tPR is set with the following equation:
tPR (ms) A  CTP (F)
The value of A is about 1300 with VCC = 5.0 V. The MB3793 also starts charging the watchdog timer monitor time setting capacitor
(CTW).
4. When the voltage at the watchdog timer monitor time setting pin CTW reaches the “H” level threshold voltage VH, the CTW switches
from the charge state to the discharge state.
The value of VH is always about 1.24 V regardless of the detected voltage.
5. If the CK2 pin inputs a clock pulse (positive edge trigger) when the CTW is being discharged in the CK1-CK2 order or simultaneously,
the CTW switches from the discharge state to the charge state.
The MB3793 repeats operations 4 and 5 as long as the CK1/CK2 pin inputs clock pulses with the system logic circuit operating
normally.
6. If no clock pulse is fed to the CK1 or CK2 pin within the watchdog timer monitor time tWD due to some problem with the system
logic circuit, the CTW pin is set to the “L” level threshold voltage VL or less and the MB3793 outputs a reset signal (setting the
RESET pin to “L” level from “H” level).
The value of VL is always about 0.24 V regardless of the detected voltage.
The watchdog timer monitor time tWD is set with the following equation:
tWD (ms) B  CTW (F) C × CTP (μF)
The value of B is hardly affected by the power supply voltage; it is about 1500 with VCC = 5.0 V.
The value of C is 0.
For this reason:
tWD (ms) B × CTW (μF)
.
.
=
.
.
=
.
.
=


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
   Free-fall detection
May 2017 Rev 6
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
   Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
   Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
   Detection of Methane
logo
NXP Semiconductors
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
   Detection of Nitrogen Dioxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com