Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 9Page - Cypress Semiconductor MB3793-34A Datasheet HTML 10Page - Cypress Semiconductor MB3793-34A Datasheet HTML 11Page - Cypress Semiconductor MB3793-34A Datasheet HTML 12Page - Cypress Semiconductor MB3793-34A Datasheet HTML 13Page - Cypress Semiconductor MB3793-34A Datasheet HTML 14Page - Cypress Semiconductor MB3793-34A Datasheet HTML 15Page - Cypress Semiconductor MB3793-34A Datasheet HTML 16Page - Cypress Semiconductor MB3793-34A Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 13 of 26
8.5 Clock pulse input supplementation (Positive clock pulse)
CTW
CK1
CK2
VH
VL
tCKT
tCKW
*1
*2
Note : The MB3793 watchdog timer monitors Clock1 (CK1) and Clock2 (CK2) pulses alternately.
When a CK2 pulse is detected after detecting a CK1 pulse, the monitoring time setting capacity (CTW)
switches to charging from discharging.
When two consecutive pulses occur on one side of this alternation before switching, the second pulse is
ignored.
In the above figure, pulse *1 and *2 are ignored.


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
   Free-fall detection
May 2017 Rev 6
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
   Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
   Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
   Detection of Methane
logo
NXP Semiconductors
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
   Detection of Nitrogen Dioxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com