Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB3793-34A Datasheet HTML 1Page - Cypress Semiconductor MB3793-34A Datasheet HTML 2Page - Cypress Semiconductor MB3793-34A Datasheet HTML 3Page - Cypress Semiconductor MB3793-34A Datasheet HTML 4Page - Cypress Semiconductor MB3793-34A Datasheet HTML 5Page - Cypress Semiconductor MB3793-34A Datasheet HTML 6Page - Cypress Semiconductor MB3793-34A Datasheet HTML 7Page - Cypress Semiconductor MB3793-34A Datasheet HTML 8Page - Cypress Semiconductor MB3793-34A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MB3793-34A
Power-Voltage Monitoring IC with
Watchdog Timer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-08556 Rev. *A
Revised March 31, 2016
The MB3793 is an integrated circuit to monitor power voltage; it incorporates a watchdog timer.
A reset signal is output when the power is cut or falls abruptly. When the power recovers normally after resetting, a power-on reset
signal is output to microprocessor units (MPUs). An internal watchdog timer with two inputs for system operation diagnosis can provide
a fail-safe function for various application systems.
Features
Precise detection of power voltage fall: 2.5%
Detection voltage with hysteresis
Low power dispersion: ICC = 38 A (Typ)
Internal dual-input watchdog timer
Watchdog timer halt function
Independently-set watchdog and reset times
Application
Arcade Amusement etc.
Model No.
Marking Code
Detection voltage
MB3793-34A
3793AJ
3.4 V


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
   Free-fall detection
May 2017 Rev 6
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
   Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
   Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
   Detection of Methane
logo
NXP Semiconductors
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
   Detection of Nitrogen Dioxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com