Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 3Page - Cypress Semiconductor MB3793-34A Datasheet HTML 4Page - Cypress Semiconductor MB3793-34A Datasheet HTML 5Page - Cypress Semiconductor MB3793-34A Datasheet HTML 6Page - Cypress Semiconductor MB3793-34A Datasheet HTML 7Page - Cypress Semiconductor MB3793-34A Datasheet HTML 8Page - Cypress Semiconductor MB3793-34A Datasheet HTML 9Page - Cypress Semiconductor MB3793-34A Datasheet HTML 10Page - Cypress Semiconductor MB3793-34A Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 7 of 26
7. Electrical Characteristics
7.1 DC Characteristics
* : This parameter is guaranteed by design, which is not supported by a final test.
(VCC = +5 V, Ta = +25°C)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power current
ICC1
After exit from reset
38
50
μA
Detection voltage
VSL
VCC falling
Ta = +25°C
3.32
3.40
3.48
V
Ta = -40 to +85°C
3.27*
3.40
3.53*
VSH
VCC rising
Ta = +25°C
3.40
3.48
3.56
V
Ta = -40 to +85°C
3.35*
3.48
3.61*
Detection voltage
hysteresis difference
VSHYS
VSH - VSL
35
80
120
mV
CK input threshold voltage
VCIH
1.4*
1.9
2.5
V
VCIL
0.8
1.3
1.8*
V
CK input hysteresis
VCHYS
0.4*
0.6
0.8*
V
INH input voltage
VIIH
3.5
VCC
V
VIIL
0
0.8
V
Input current
(CK1,CK2,INH)
IIH
VIH = VCC
0
1.0
μA
IIL
VIL = 0 V
-1.0
0
μA
Reset output voltage
VOH
IRESET = -5 mA
4.5
4.75
V
VOL
IRESET = +5 mA
0.12
0.4
V
Reset-output minimum power
voltage
VCCL
IRESET = +50 μA—
0.8
1.2
V


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
Free-fall detection
May 2017 Rev 6
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
Detection of Nitrogen Dioxide
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
Detection of Methane
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com