Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 2Page - Cypress Semiconductor MB3793-34A Datasheet HTML 3Page - Cypress Semiconductor MB3793-34A Datasheet HTML 4Page - Cypress Semiconductor MB3793-34A Datasheet HTML 5Page - Cypress Semiconductor MB3793-34A Datasheet HTML 6Page - Cypress Semiconductor MB3793-34A Datasheet HTML 7Page - Cypress Semiconductor MB3793-34A Datasheet HTML 8Page - Cypress Semiconductor MB3793-34A Datasheet HTML 9Page - Cypress Semiconductor MB3793-34A Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 6 of 26
5. Absolute Maximum Ratings
* : The voltage is based on the ground voltage (0 V).
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
6. Recommended Operating Conditions
* : The watchdog timer monitor time range depends on the rating of the setting capacitor.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device.
All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Conditions
Rating
Unit
Min
Max
Power supply voltage*
VCC
—-0.3
+7
V
Input voltage*
CK1
VCK1
-0.3
VCC + 0.3
(≤+7)
V
CK2
VCK2
INH
VINH
Reset output voltage*
RESET
VOL
VOH
—-0.3
VCC + 0.3
(≤+7)
V
Reset output current
IOL
IOH
—-10
+10
mA
Power dissipation
PD
Ta ≤ +85°C
200
mW
Storage temperature
Tstg
-55
+125
°C
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
—1.2
5.0
6.0
V
Reset (RESET) output current
IOL
—0
+ 5
mA
IOH
—-5
0
Power-on reset hold time setting capacity
CTP
—0.001
0.1
10
μF
Watchdog-timer monitoring time setting
capacity*
CTW
0.001
0.01
1
μF
Operating ambient temperature
Ta
-40
+25
+85
°C


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
   Free-fall detection
May 2017 Rev 6
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
   Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
   Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
   Detection of Methane
logo
NXP Semiconductors
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
   Detection of Nitrogen Dioxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com