Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # MB3800
Description  Wide supply voltage operating range: 1.8 V to 15 V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3800 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button MB3800 Datasheet HTML 13Page - Cypress Semiconductor MB3800 Datasheet HTML 14Page - Cypress Semiconductor MB3800 Datasheet HTML 15Page - Cypress Semiconductor MB3800 Datasheet HTML 16Page - Cypress Semiconductor MB3800 Datasheet HTML 17Page - Cypress Semiconductor MB3800 Datasheet HTML 18Page - Cypress Semiconductor MB3800 Datasheet HTML 19Page - Cypress Semiconductor MB3800 Datasheet HTML 20Page - Cypress Semiconductor MB3800 Datasheet HTML 21Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MB3800
Document Number: 002-08716 Rev. *A
Page 17 of 21
17. MB3800PF-
❏❏❏E1, MB3800PNF-❏❏❏E1
Recommended Conditions of Moisture Sensitivity Level
[Temperature Profile for FJ Standard IR Reflow]
1. IR (infrared reflow)
2. Manual soldering (partial heating method)
Conditions
: Temperature 400°C Max
Times
: 5 s max/pin
Item
Condition
Mounting Method
IR (infrared reflow) , Manual soldering (partial heating method)
Mounting times
2 times
Storage period
Before opening
Please use it within two years after
Manufacture.
From opening to the 2nd
reflow
Less than 8 days
When the storage period after
opening was exceeded
Please processes within 8 days
after baking (125°C, 24H)
Storage conditions
5°C to 30°C, 70
RH or less (the lowest possible humidity)
260
°C
(e)
(d')
(d)
255
°C
170
°C
190
°C
RT
(b)
(a)
(c)
to
Note : Temperature : the top of the package body
(a) Temperature Increase gradient
: Average 1°C/s to 4°C/s
(b) Preliminary heating
: Temperature 170°C to 190°C, 60s to 180s
(c) Temperature Increase gradient
: Average 1°C/s to 4°C/s
(d) Actual heating
: Temperature 260°C Max; 255°C or more, 10s or less
(d’)
: Temperature 230°C or more, 40s or less
or
Temperature 225°C or more, 60s or less
or
Temperature 220°C or more, 80s or less
(e) Cooling
: Natural cooling or forced cooling
H rank : 260°C Max


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com