Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB3800
Description  Wide supply voltage operating range: 1.8 V to 15 V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3800 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB3800 Datasheet HTML 9Page - Cypress Semiconductor MB3800 Datasheet HTML 10Page - Cypress Semiconductor MB3800 Datasheet HTML 11Page - Cypress Semiconductor MB3800 Datasheet HTML 12Page - Cypress Semiconductor MB3800 Datasheet HTML 13Page - Cypress Semiconductor MB3800 Datasheet HTML 14Page - Cypress Semiconductor MB3800 Datasheet HTML 15Page - Cypress Semiconductor MB3800 Datasheet HTML 16Page - Cypress Semiconductor MB3800 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MB3800
Document Number: 002-08716 Rev. *A
Page 13 of 21
10.3 Other Functions
10.3.1 Soft start and short circuit detection
Soft start operation is set by connecting capacitor CPE to the SCP pin (pin 2). Soft start prevents a current spike on start-up.
On completion of soft start operation, the SCP pin (pin 2) stays low and enters the short circuit detection wait state. When an
output short circuit occurs, the error amplifier output is fixed at VOM+ and capacitor CPE starts charging. After charging to
approximately 0.8 V, the OUT pin (pin 5) is set low and the SCP pin (pin 2) stays low.
Once the protection circuit operates, the circuit can be restored by resetting the power supply. (See “How to Set the Time
Constant for Soft Start and Short Circuit Detection”.)
10.3.2 Circuit to prevent malfunction at low input voltage
Transients when powering on or instantaneous glitches in the supply voltage can lead to malfunction of the control IC and cause
system damage or failure. The circuit to prevent malfunction at low input voltage detects a low input voltage by comparing the
supply voltage to the internal reference voltage. On detection, the circuit fixes the OUT pin (pin 5) to low.
The system recovers when the supply voltage rises back above the threshold voltage of the malfunction prevention circuit.
11. Application Example
12. Notes On Use
Take account of common impedance when designing the earth line on a printed wiring board.
Take measures against static electricity.
For semiconductors, use antistatic or conductive containers.
When storing or carrying a printed circuit board after chip mounting, put it in a conductive bag or container.
The work table, tools and measuring instruments must be grounded.
The worker must put on a grounding device containing 250 kΩ to 1 MΩ resistors in series.
Do not apply a negative voltage
Applying a negative voltage of
0.3 V or less to an LSI may generate a parasitic transistor, resulting in
malfunction.
1
2
4
3
8
7
6
5
MB3800
3 k
Ω
22
μH
10
μF
270
pF
0.1
μF
18 k
Ω
V o
(5 V)
2 k
Ω
0.1
μF
390
Ω
CTL
33
μF
+
+
V in
(3 V)
FB
OSC
GND
OUT
ÐIN
SCP
V CC
BR/CTL


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com