Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB3800
Description  Wide supply voltage operating range: 1.8 V to 15 V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3800 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB3800 Datasheet HTML 8Page - Cypress Semiconductor MB3800 Datasheet HTML 9Page - Cypress Semiconductor MB3800 Datasheet HTML 10Page - Cypress Semiconductor MB3800 Datasheet HTML 11Page - Cypress Semiconductor MB3800 Datasheet HTML 12Page - Cypress Semiconductor MB3800 Datasheet HTML 13Page - Cypress Semiconductor MB3800 Datasheet HTML 14Page - Cypress Semiconductor MB3800 Datasheet HTML 15Page - Cypress Semiconductor MB3800 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MB3800
Document Number: 002-08716 Rev. *A
Page 12 of 21
10. Functional Description
10.1 Switching Regulator Function
10.1.1 Reference voltage circuit
The reference voltage circuit generates a temperature-compensated reference voltage (
1.25V) from voltage supplied from the VCC
pin (pin 3). In addition to providing the reference voltage for the switching regulator, the circuit also sets the idle period.
10.1.2 Sawtooth wave oscillator
The sawtooth oscillator generates a sawtooth wave (up to 1 MHz) that is stable with respect to the supply voltage and temperature.
The capacitor and resistor that set the oscillation frequency are connected to the OSC pin (pin 7).
10.1.3 Error amplifier (Error Amp)
The error amplifier detects the output voltage of the switching regulator and outputs the PWM control signal. The voltage gain is fixed,
and connecting a phase compensation capacitor to the FB pin (pin 8) provides stable phase compensation for the system.
10.1.4 PWM comparator (PWM Comp.)
The voltage comparator has one inverting and three non-inverting inputs. The comparator is a voltage/pulse width converter that
controls the ON time of the output pulse depending on the input voltage. The output level is high (H) when the sawtooth wave is lower
than the error amplifier output voltage, soft start setting voltage, and idle period setting voltage.
10.1.5 Output circuit
The output circuit has a totem pole type configuration and can drive an external NPN transistor directly. The value of the ON/OFF
current can be set by a resistor connected to the BR/CTL pin (pin 4).
10.2 Power Supply Control Function
Stand-by mode (supply current 1
A or less) can be set by connecting the BR/CTL pin (pin 4) to VCC or by making the pin open circuit.
SW
Mode
OFF
Stand-by mode
ON
Operating mode
RB
SW
4
BR/CTL
MB3800


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com