Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB3800
Description  Wide supply voltage operating range: 1.8 V to 15 V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3800 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB3800 Datasheet HTML 6Page - Cypress Semiconductor MB3800 Datasheet HTML 7Page - Cypress Semiconductor MB3800 Datasheet HTML 8Page - Cypress Semiconductor MB3800 Datasheet HTML 9Page - Cypress Semiconductor MB3800 Datasheet HTML 10Page - Cypress Semiconductor MB3800 Datasheet HTML 11Page - Cypress Semiconductor MB3800 Datasheet HTML 12Page - Cypress Semiconductor MB3800 Datasheet HTML 13Page - Cypress Semiconductor MB3800 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MB3800
Document Number: 002-08716 Rev. *A
Page 10 of 21
(Continued)
-10
-0.4
BR/CTL pin input current I BR (mA)
Output source current vs. BR/CTL pin input current
0
0
-0.8
-1.2
-1.6
-2.0
-20
-30
-40
-50
V CC = 2 V
V OUT = 0.9 V
T a = +25
°C
100
-0.4
BR/CTL pin input current I BR (mA)
BR/CTL pin input voltage vs. BR/CTL pin input current
0
0
-0.8
-1.2
-1.6
-2.0
200
300
400
500
V CC = 2 V
T a = +25
°C
1.0
-20
BR/CTL pin input current I BR (
μA)
Average supply current vs. BR/CTL pin input current
0
0
-40
-60
-80
-100
2.0
3.0
4.0
5.0
V CC = 2 V
T a = +25
°C
1 k
Timing resistor R T (
Ω)
Oscillation frequency vs.Timing resistor
10 k
2 k
50 k
500 k
2
Supply voltage V CC (V)
Frequency variation ratio vs. Supply voltage
-15
0
5
10
-5
0
-10
4
6
8
10
12
14
16
C T = 270 pF
R T = 3.0 k
Ω
Ta = +25
°C
-20
Operating ambient temperature T a (
°C)
Frequency variation ratio vs. Operating ambient temperature
-15
-40
5
10
-5
0
-10
0
+20
+40
+60
+80 +100
V CC = 2 V
C T = 270 pF
R T = 3.0 k
Ω
5 k
20 k
200 k
5 k
2 k
10 k
100 k
1 M
20 k
C T = 100 pF
C T = 1000 pF
C T = 10000 pF
V CC = 2 V
T a = +25
°C


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
Wide operating voltage range 18 to 32 V
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com