Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB3800
Description  Wide supply voltage operating range: 1.8 V to 15 V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3800 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB3800 Datasheet HTML 1Page - Cypress Semiconductor MB3800 Datasheet HTML 2Page - Cypress Semiconductor MB3800 Datasheet HTML 3Page - Cypress Semiconductor MB3800 Datasheet HTML 4Page - Cypress Semiconductor MB3800 Datasheet HTML 5Page - Cypress Semiconductor MB3800 Datasheet HTML 6Page - Cypress Semiconductor MB3800 Datasheet HTML 7Page - Cypress Semiconductor MB3800 Datasheet HTML 8Page - Cypress Semiconductor MB3800 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MB3800
Switching Regulator Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-08716 Rev. *A
Revised March 15, 2016
The MB3800 is a single-channel switching regulator control IC for low voltage applications incorporating a soft start function and short
circuit detection function. The device has a low minimum operating voltage of 1.8 V and is ideal for the power supply of
battery-operated electronic equipment.
Features
Wide supply voltage operating range: 1.8 V to 15 V
Low current consumption: Typically 5.5 mA in operation, 1 A or less in stand-by
High speed operation is possible: Maximum 1 MHz
The error amplifier gain is set inside the IC, so peripheral components are minimized.
Incorporates a soft start circuit.
Incorporates a timer-latch type short circuit detection circuit (SCP).
Totem-pole type output with adjustable on/off current (for NPN transistors)
Incorporates a stand-by function.
Two types of packages (SOP-8 : 2 types)
Application
LCD monitor/panel
Power supply module
Portable apparatus etc.


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com