Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB3800
Description  Wide supply voltage operating range: 1.8 V to 15 V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3800 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB3800 Datasheet HTML 2Page - Cypress Semiconductor MB3800 Datasheet HTML 3Page - Cypress Semiconductor MB3800 Datasheet HTML 4Page - Cypress Semiconductor MB3800 Datasheet HTML 5Page - Cypress Semiconductor MB3800 Datasheet HTML 6Page - Cypress Semiconductor MB3800 Datasheet HTML 7Page - Cypress Semiconductor MB3800 Datasheet HTML 8Page - Cypress Semiconductor MB3800 Datasheet HTML 9Page - Cypress Semiconductor MB3800 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MB3800
Document Number: 002-08716 Rev. *A
Page 6 of 21
6. Electrical Characteristics
(VCC = +2 V, Ta = +25°C)
(Continued)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Circuit to prevent
malfunction at low input
voltage (U.V.L.O.)
Reset voltage
VR
——0.9
V
Threshold voltage
VTH
1.11.3
1.5V
Soft start
Charging current
ICS
VSCP = 0 V
–1.5
–1.0
–0.7
A
Voltage at soft start
completion
VtS
—0.7
0.8
0.9
V
Short circuit detection
(S.C.P.)
Charging current
ICPC
VSCP = 0 V
–1.5
–1.0
–0.7
A
Threshold voltage
VtPC
—0.7
0.8
0.9
V
Sawtooth wave oscil-
lator (OSC)
Oscillation frequency
fOCS
RT = 3.0 k, CT = 270 pF
400
500
600
kHz
Frequency input stability
fdV
VCC = 2 V to 15 V
2
10
%
Frequency variation with
temperature
fdT
Ta = –30°C to +85°C
5
%
Error amplifier
Input threshold voltage
VT
VFB = 450 mV
480
500
520
mV
VT input stability
VTdV
VCC = 2 V to 15 V
5
20
mV
VT variation with temper-
ature
VTdT
Ta = –30°C to +85°C
1
%
Input bias current
IB
VIN = 0 V
–1.0
–0.2
+1.0
A
Voltage gain
AV
70
100
145
V/V
Frequency bandwidth
BW
AV = 0 dB
6
MHz
Maximum output voltage
range
VOM+
—0.78
0.87
V
VOM–
0.05
0.2
V
Output source current
IOM+
VFB = 0.45 V
–40
–24
A
Output sink current
IOM–
24
40
A
Idle period adjustment
section
Maximum duty cycle
tDUTY
RT = 3.0 k, CT = 270 pF
VFB = 0.8 V
65
75
85
%


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com