Electronic Components Datasheet Search |
|
MB3800 Datasheet(PDF) 5 Page - Cypress Semiconductor |
|
|
MB3800 Datasheet(HTML) 5 Page - Cypress Semiconductor |
5 / 21 page MB3800 Document Number: 002-08716 Rev. *A Page 5 of 21 5. Recommended Operating Conditions (Ta = +25 C) WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device’s electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their representatives beforehand. Parameter Symbol Value Unit Min Typ Max Power supply voltage VCC 1.8 — 15 V Error amplifier input voltage VI –0.2 — +1.0 V BR/CTL pin input voltage VBR –0.2 — VCC V Output source current IO+ –40 — — mA Output sink current IO– —— 40 mA SCP pin capacitance CPE —0.1 — F Phase compensation capacitance CP —0.1 — F Output current setting resistance RB 150 390 5000 W Timing resistance RT 1.0 3.0 10.0 k Timing capacitance CT 100 270 10000 pF Oscillation frequency fOSC 10 500 1000 kHz Operating Ambient temperature Ta –30 +25 +85 C |
Similar Part No. - MB3800 |
|
Similar Description - MB3800 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |