Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-1048-8C4-C0A4V1-4U3-3A Datasheet(PDF) 3 Page - ETAL Group

Part # E-1048-8C4-C0A4V1-4U3-3A
Description  Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8C4-C0A4V1-4U3-3A Datasheet(HTML) 3 Page - ETAL Group

  E-1048-8C4-C0A4V1-4U3-3A Datasheet HTML 1Page - ETAL Group E-1048-8C4-C0A4V1-4U3-3A Datasheet HTML 2Page - ETAL Group E-1048-8C4-C0A4V1-4U3-3A Datasheet HTML 3Page - ETAL Group E-1048-8C4-C0A4V1-4U3-3A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8C...
3
1651
5
Smart Power Relay E-1048-8C...
Type
E-1048-8C Smart Power Relay DC 12 V/24 V - 1 A...25 A
in CUBIC version
Housing / temperature range
4
with housing -40 °C...85 °C (60 °C at IN = 25 A)
5
with housing -40 °C...85 °C (60 °C at IN = 25 A) increased
environmental requirements (IP protection class etc.)
Control input
C
with control input (+ control 8.5...32 V)
LEDs
0 without
3 2 LEDs: AS yellow, SF red
Status output minus-switching
A
without
D
with AS and SF
Contents of group fault signal SF/
LED indication SF
0
without
1
short circuit / overload
4
short circuit / overload + wire breakage
Analogue output
V0 without
V1 0...5 V
Characteristic curve
4 200 ms standard
switch-off delay with
overload)
Voltage rating
U3
DC 12/24 V
Current ratings /
colour of label
1 A / black
2 A / grey
3 A / purple
5 A / light-brown
7.5 A / brown
10 A / red
15 A / blue
20 A / yellows
25 A / white
E-1048-8C 4 - C
3 D 4
V1 - 4 U3 - 20 A
ordering example 1: 7 pole version
E-1048-8C 4 - C
0 A 0
V0 - 4 U3 - 5 A
ordering example 2: 4 pole version
Ordering Information
Dimensions „DELUXE“ version (7 pin version)
2, 4, 5, 6 and 8 - blade terminals 6.3 x 0.8
1 and 3- blade terminals 2.8 x 0.6
with all options: - LED indications AS/SF
- status outputs AS/SF
- analogue output U (I)
LED red
LED yellow
30
1.18
5
8
4
6
21
3
footprint
to ISO 7588
Dimensions „BASIC Version“ (4 pin version)
30
2, 4, 6 and 8 - blade terminals 6.3 x 0.8
1.18
without options: - LED indication AS/SF
- status outputs AS/SF
- analogue output U (I)
8
4
6
2
footprint
to ISO 7588
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Preferred types
Standard current ratings (A)
5
7.5
10
15
20
25
E-1048-8C4-C3A1V0-4U3-
x
x
x
x
x
x
Preferred types
Approvals
Authority
Approval mark
Regulation
KBA
E1
ECE R 10


Similar Part No. - E-1048-8C4-C0A4V1-4U3-3A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-10A ETAL-E-1048-8D4-C0A0-0U3-10A Datasheet
203Kb / 4P
Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-1A ETAL-E-1048-8D4-C0A0-0U3-1A Datasheet
203Kb / 4P
Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-2A ETAL-E-1048-8D4-C0A0-0U3-2A Datasheet
203Kb / 4P
Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Similar Description - E-1048-8C4-C0A4V1-4U3-3A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
E99F PHILIPS-E99F Datasheet
579Kb / 21P
SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
SMD TCXO CMOS Highly shock and vibration resistant
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
Miniature SMD Crystal Highly shock and vibration resistant
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
Vibration and shock resistant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com