Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-1048-8C4-C0D0V0-4U3-1A Datasheet(PDF) 1 Page - ETAL Group

Part # E-1048-8C4-C0D0V0-4U3-1A
Description  Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8C4-C0D0V0-4U3-1A Datasheet(HTML) 1 Page - ETAL Group

  E-1048-8C4-C0D0V0-4U3-1A Datasheet HTML 1Page - ETAL Group E-1048-8C4-C0D0V0-4U3-1A Datasheet HTML 2Page - ETAL Group E-1048-8C4-C0D0V0-4U3-1A Datasheet HTML 3Page - ETAL Group E-1048-8C4-C0D0V0-4U3-1A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8C...
1
1651
5
Description
Features
Technical Data (TA = 25 °C, UN)
E-1048-8C CUBIC version
Power supply LINE +
Type
DC power supply with small Ri
battery and generator etc.
Voltage ratings UN
DC 12 V/DC 24 V
Operating voltage US:
DC 9...32 V
Closed-circuit current
I0 in the OFF condition
< 1 mA
Load circuit LOAD
Load output
Power MOSFET, high side switching
HSS
Current rating range IN
1 A ... 25 A (fixed rating)
without load reduction up to 85° C
(1 A...20 A), 25 A bis 60 °C ambient
temperature
IN = 1 A ... 10 A: trip curve 1
IN = 15 A ... 25 A: trip curve 2
Types of loads
resistive, inductive, capacitive, lamp
loads, motors (depending on duration
of inrush current)
Typical voltage drop UON at rated current IN 1)
Switching point 1)
typically 1.3 x IN
(-40 °C...+85 °C: 1.1...1.5 x IN)
Trip time1)
typically 200 ms with switch-on onto
overload and/or load increase on duty
max. overload
IN = 1 A ... 10 A: 60 A (at L/R = 3ms)
IN = 15 A ... 25 A: 250 A (at L/R = 3ms)
Temperature disconnection
power transistor > 150 °C
Parallel connection of channels for loads of 25 A plus, several units of
identical current ratings may be
connected in parallel. To ensure equal
distribution of current between units,
symmetrical design of the supply feed
is necessary (length and cross section).
Free-wheeling diode
integral
for connected load
IN = 1 A ... 10 A: 40 A
IN = 15 A ... 25 A: 100 A
Delay time 1)
ton 5 ms / toff 1.5 ms
The Smart Power Relay E-1048-8C – is a remotely controllable electronic
load disconnecting relay with three functions in a single unit:
l
electronic relay
l
electronic overcurrent protection
l
status and monitoring functions
The 7 pin CUBIC version is designed for use with standard automotive
relay sockets. A choice of current ratings is available from 1 A through
25 A. An operating voltage range of DC 9...32 V allows the connection
of DC 12 V and DC 24 V loads.
In order to switch and protect loads remotely, it has until now been
necessary to connect several discreet components together
- an electro-mechanic relay, control cable and integral contact to
close the load circuit
- an additional protective element (circuit breaker or fuse) for
cable or equipment protection
- a device for current measurement (shunt)
Now type E-1048-8C combines all these functions in a single unit,
thus minimising the number of connections in the circuit and
thereby reducing the risk of failures.
Applications
Type E-1048-8C is suited to all applications with DC 12 V or DC 24 V
circuits, where magnetic valves, motors or lamp loads have to be
switched, protected and monitored:
- road vehicles (utility vehicles, buses, special vehicles)
- rail vehicles
- marine industry (ships, boats, yachts etc.)
The Power Relay is also suitable for industrial use (process control,
machine-building, engineering) as an electronic coupling relay
between PLC and DC 12 V or DC 24 V load
l
Integral power electronics provide a wear-resistant switching
function, insensitive to shock, vibration and dust.
l
Compared to electro-mechanical relays, only a fraction of the
closed-circuit current or switching current is needed. This is
important for battery buffered load circuits which have to remain
controlled even with the generator off line.
l
The extremely low induced current consumption of less than 1 mA
is absolutely necessary for battery buffered applications.
l
The load circuit is disconnected in the event of an overload or
short circuit.
l
The load circuit is permanently monitored for wire breakage.
l
Two status outputs for control signal AS and group signal SF
provide status indication. For processing the actual value of the
current flow in a power management system an analogue output
from 0 to 5 V is provided. This voltage signal may also be used as
an input to a control circuit or to switch off the unit by means of
external control in the event of low load current value.
l
For switching and monitoring loads of 25 A plus it is possible to
connect several units in parallel. Uniform power distribution between
units must be ensured by symmetrical design of the supply cables
(length and cross section).
l
Coloured label, for the identification the rated current (e. g. red = 10 A)
IN
UON
IN
UON
1 A
50 mV
10 A
110 mV
2 A
55 mV
15 A
70 mV
3 A
60 mV
20 A
90 mV
5 A
80 mV
25 A
120 mV
7.5 A
90 mV
1) typical


Similar Part No. - E-1048-8C4-C0D0V0-4U3-1A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-10A ETAL-E-1048-8D4-C0A0-0U3-10A Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-1A ETAL-E-1048-8D4-C0A0-0U3-1A Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8D4-C0A0-0U3-2A ETAL-E-1048-8D4-C0A0-0U3-2A Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Similar Description - E-1048-8C4-C0D0V0-4U3-1A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com