Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC431LP4E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC431LP4E
Description  MMIC VCO w/ BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC431LP4E Datasheet(HTML) 5 Page - Analog Devices

  HMC431LP4E Datasheet HTML 1Page - Analog Devices HMC431LP4E Datasheet HTML 2Page - Analog Devices HMC431LP4E Datasheet HTML 3Page - Analog Devices HMC431LP4E Datasheet HTML 4Page - Analog Devices HMC431LP4E Datasheet HTML 5Page - Analog Devices HMC431LP4E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
11
11 - 88
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Evaluation PCB
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3 - J4
DC Pin
C1
4.7 μF Tantalum Capacitor
C2
10,000 pF Capacitor, 0603 Pkg.
U1
HMC431LP4 / HMC431LP4E VCO
PCB [2]
105667 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
MMIC VCO w/ BUFFER
AMPLIFIER, 5.5 - 6.1 GHz
v04.1106
HMC431LP4 / 431LP4E
List of Materials for Evaluation PCB 105706 [1]
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC431LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4E HITTITE-HMC431LP4E Datasheet
232Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
More results

Similar Description - HMC431LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC416LP4 HITTITE-HMC416LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.75 - 3.0 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com