Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61SP6464 Datasheet(PDF) 18 Page - Integrated Silicon Solution, Inc

Part # 61SP6464
Description  64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

61SP6464 Datasheet(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button 61SP6464 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 13Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 14Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 15Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 16Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 17Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 18Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 19Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Integrated Silicon Solution, Inc.
ISSI®
PACKAGING INFORMATION
PQFP (Plastic Quad Flat Pack Package)
Package Code: PQ
Plastic Quad Flat Pack (PQ)
Millimeters
Inches
Millimeters
Inches
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Ref. Std.
No. Leads (N)
100
128
A
3.40
0.134
A1
0.25
0.010
0.15
0.35
0.008
0.014
A2
2.57
2.97
0.101
0.117
2.55
3.05
0.100
0.120
b
0.25
0.375
0.010
0.015
0.17
0.27
0.007
0.011
C
0.17
0.23
0.007
0.009
0.10
0.23
0.004
0.009
D
23.00
23.40
0.905
0.921
23.00
23.40
0.906
0.921
D1
19.90
20.10
0.783
0.791
19.90
20.10
0.783
0.791
E
17.00
17.40
0.669
0.685
17.00
17.40
0.669
0.685
E1
13.90
14.10
0.547
0.555
13.90
14.10
0.547
0.555
e
0.65 BSC
0.026 BSC
0.50 BSC
0.020 BSC
L
0.65
0.95
0.025
0.037
0.65
0.95
0.026
0.037
L1
1.60 Nom.
0.063 Nom.
1.60 Nom.
0.063 Nom.
Notes:
1. All dimensioning and
tolerancing conforms to
ANSI Y14.5M-1982.
2.. Dimensions D1 and E1 do
not include mold protru-
sions. Allowable protrusion
is 0.25 mm per side. D1 and
E1 do include mold
mismatch and are deter-
mined at datum plane -H-.
3. Controlling dimension:
millimeters.
PK13197PQ
Rev. D 09/29/97
D
D1
E
E1
1
N
A2
A
A1
e
b
SEATING
PLANE
C
L1
L


Similar Part No. - 61SP6464

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
61SPB045 SMC-61SPB045 Datasheet
150Kb / 4P
Power Surface Mount Schottky Rectifier
logo
SMC Diode Solutions Co....
61SPB045A SMCDIODE-61SPB045A Datasheet
347Kb / 4P
Power Surface Mount Schottky Rectifier
Rev. B
More results

Similar Description - 61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
3.3V 64K x 18 Synchronous QuadPort??Static RAM
November 18, 1999
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
64K x 1 Static RAM
August 24, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com