Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D500A4 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D500A4
Description  Optical Liquid Level Sensors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D500A4 Datasheet(HTML) 1 Page - American Electronic Components, inc

  D500A4 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Housing
D600 1/2” SAE Thread
Repeatability
± 1 mm
Hysteresis
1 mm depending on liquid
Response Time: Rising Liquid
50 µS
Response Time: Falling Liquid
< 1 second
Supply Voltage (Vs)
Any (see below)
Supply Current
10 mA
Operating Temperature Range
-20°C to +80°C
Housing Material
Polysulphone UDEL 1700
Environmental
IP 67 Rated
Pressure Range
7 bar
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
© American Electronic Components Inc 2008
Specifications are subject to change without notice. E&OE.
D500A4 021909
Optical Liquid Level Sensors
D500A4SH
Typical installation: Customer has to select suitable resistors for their chosen supply voltage. Forward voltage of LED is 1.3V and
LED current should be 10mA (depending on application liquid). Therefore, for a supply of Vs:
=
=
=
k
mA
V
V
R
s
LED
1
.
1
1070
01
.
0
3
.
1
12
10
)
3
.
1
(
This liquid presence sensor has been developed to address the needs
of high volume OEM applications. The sensor contains an infra-red
emitter and detector accurately positioned to ensure good optical cou-
pling between the two when the sensor is in air. When the sensor’s
cone is immersed in liquid, the infra-red light escapes from the cone
causing a change in the amount of light at the detector.
This configuration allows the customer to tailor the sensor electronics
(supply, protection etc.) to their unique application.
Pre-selected RLED and RPULL-UP Value for different Supply Voltages
Vs
RLED
RPULL-UP
VOUTPUT in Air
VOUTPUT in Water
3.3V
200R
2K
< 0.75V
> 2.5V
5V
360R
2K
< 1V
> 4.25V
8V
680R
2.5K
< 1.5V
> 7.25V
12V
1K
3K
< 3V
> 11.25V
15V
1.3K
3.5K
< 3.25V
> 14.25V
24V
2.2K
4K
< 10.5V
> 22.5V
RLED
OUTPUT
Vs’
0V
LED
Vs
0V
Phototransistor
RPULL-UP


Similar Part No. - D500A4

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
More results

Similar Description - D500A4

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
   Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
   Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com