Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D105 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D105
Description  Optical Liquid Level Sensors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D105 Datasheet(HTML) 1 Page - American Electronic Components, inc

  D105 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Codes:
D105000
Standard Temperature Range
D105100
Extended Temperature Range
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D105 Series
Drawing dimensions in millimetres
Features:
* 10mm Push fit Body
* Low cost
* Compact size
* Wide range of commercial and
industrial applications.
Specifications are subject to change without notice. E&OE.
D105 211108
Standard Temperature
High Temperature
Housing
D105 M10 Push Fit Probe
Output Function
Digital - High in Air
Repeatability
± 1 mm
Hysteresis
2mm (depending on liquid)
Response Time: Rising Liquid
50 µS
Response Time: Falling Liquid (Ethanol)
< 1 second
Supply Voltage
+5V to 12VDC
Supply Current
15 mA
Temperature Range: Operating / (Storage)
-25°C to +80°C (-30°C to +85°)
-40°C to +125°C (-40°C to +125°C)
Housing Material
Polysulphone
Output Current (@25°C & 5VDC)
Sinks 10 mA
Sinks 40 mA
Lead wire Length
250mm PTFE
Contact factory for custom terminations and other lead lengths available to special order.


Similar Part No. - D105

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D105 MPD-D105 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&K Components
D105 CK-COMPONENTS-D105 Datasheet
482Kb / 5P
Miniature Snap-in Power Rocker Switches
15 May 20
logo
Infineon Technologies A...
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
logo
G.M. International
D1052 GMI-D1052 Datasheet
446Kb / 4P
Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
D1052D GMI-D1052D Datasheet
446Kb / 4P
Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
More results

Similar Description - D105

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com