Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D101 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D101
Description  Optical Liquid Level Sensors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D101 Datasheet(HTML) 1 Page - American Electronic Components, inc

  D101 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D101 Series
Drawing dimensions in millimetres
Features:
* M12 Screw-in Body
* Low cost
* Compact size
* Wide range of commercial and
industrial applications.
Specifications are subject to change without notice. E&OE.
D101 290808
Standard Temperature
High Temperature
Housing
D101 M12 Threaded Probe
Output Function
Digital - High in Air
Repeatability
± 1 mm
Hysteresis
2mm (depending on liquid)
Response Time: Rising Liquid
50 µS
Response Time: Falling Liquid (Ethanol)
< 1 second
Supply Voltage
+5V to 12VDC
Supply Current
15 mA
Temperature Range: Operating / (Storage)
-25°C to +80°C (-30°C to +85°)
-40°C to +125°C (-40°C to +125°C)
Housing Material
Polysulphone
Output Current (@25°C & 5VDC)
Sinks 10 mA
Sinks 40 mA
Lead wire Length
250mm PTFE
Order Codes:
D101000
Standard Temperature Range (1)
D101101
Extended Temperature Range (2)
(1)
Supplied with Nitrile washer and nut, unassembled.
(2)
Supplied with VAMAC washer and nut, unassembled.
Contact factory for custom terminations and other lead lengths available to special order.


Similar Part No. - D101

ManufacturerPart #DatasheetDescription
logo
Sanken electric
D101 SANKEN-D101 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
List of Unclassifed Man...
D101 ETC2-D101 Datasheet
45Kb / 8P
   Control/Communicators
logo
MicroPower Direct, LLC
D101 MPD-D101 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&K Components
D101 CK-COMPONENTS-D101 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Tyco Electronics
D101-10X MACOM-D101-10X Datasheet
70Kb / 1P
   WILMAR??Protective Relays - D101X Series, 3 Phase Adjustable, Close Differential
More results

Similar Description - D101

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
   Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
   Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com