Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMPAL22V10 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AMPAL22V10
Description  PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMPAL22V10 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AMPAL22V10 Datasheet HTML 1Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 2Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 3Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 4Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 5Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 6Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 7Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 8Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Publication# 16559
Rev. C
Amendment /0
Issue Date: February 1996
2-197
Advanced
Micro
Devices
PAL22V10 Family, AmPAL22V10/A
24-Pin TTL Versatile PAL Device
FINAL
COM’L: -7/10/15
DISTINCTIVE CHARACTERISTICS
s As fast as 7.5-ns propagation delay and
91 MHz fMAX (external)
s 10 Macrocells programmable as registered or
combinatorial, and active high or active low to
match application needs
s Varied product term distribution allows up to
16 product terms per output for complex
functions
s Global asynchronous reset and synchronous
preset for initialization
s Power-up reset for initialization and register
preload for testability
s Extensive third-party software and programmer
support through FusionPLD partners
s 24-Pin SKINNYDIP, 24-pin Flatpack and
28-pin PLCC and LCC packages save space
GENERAL DESCRIPTION
The PAL22V10 provides user-programmable logic for
replacing conventional SSI/MSI gates and flip-flops at a
reduced chip count.
The PAL22V10 device implements the familiar Boolean
logic transfer function, the sum of products. The PAL de-
vice is a programmable AND array driving a fixed OR
array. The AND array is programmed to create custom
product terms, while the OR array sums selected terms
at the outputs.
The product terms are connected to the fixed OR array
with a varied distribution from 8 to 16 across the outputs
(see Block Diagram). The OR sum of the products feeds
the output macrocell. Each macrocell can be pro-
grammed as registered or combinatorial, and active
high or active low. The output configuration is
determined by two fuses controlling two multiplexers in
each macrocell.
AMD’s FusionPLD program allows PAL22V10 designs
to be implemented using a wide variety of popular indus-
try-standard design tools. By working closely with the
FusionPLD partners, AMD certifies that the tools pro-
vide accurate, quality support. By ensuring that third-
party tools are available, costs are lowered because a
designer does not have to buy a complete set of new
tools for each device. The FusionPLD program also
greatly reduces design time since a designer can use a
tool that is already installed and familiar.
BLOCK DIAGRAM
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
RESET
PRESET
Programmable
AND Array
(44 x 132)
CLK/I0
1
I1 - I11
11
8
1012
14
16
1614
12
10
8
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
16559C-1


Similar Part No. - AMPAL22V10

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMPAL20L10-20 AMD-AMPAL20L10-20 Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10AL AMD-AMPAL20L10AL Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10B AMD-AMPAL20L10B Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
More results

Similar Description - AMPAL22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
PLS167-33 AMD-PLS167-33 Datasheet
1,020Kb / 19P
   24-PIN TTL/CMOS PROGRAMMABLE LOGIC SEQUENCERS
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
PLDC20G10B CYPRESS-PLDC20G10B Datasheet
393Kb / 14P
   CMOS Generic 24-Pin Reprogrammable Logic Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com