Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMPAL22V10 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AMPAL22V10
Description  PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMPAL22V10 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AMPAL22V10 Datasheet HTML 1Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 2Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 3Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 4Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 5Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 6Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 7Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 8Page - Advanced Micro Devices AMPAL22V10 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AMD
2-200
PAL22V10 Family
FUNCTIONAL DESCRIPTION
The PAL22V10 allows the systems engineer to imple-
ment a design on-chip, by opening fuse links to config-
ure AND and OR gates within the device, according to
the desired logic function. Complex interconnections
between gates, which previously required time-
consuming layout, are lifted from the PC board and
placed on silicon, where they can be easily modified dur-
ing prototyping or production.
Product terms with all fuses opened assume the logical
HIGH state; product terms connected to both true and
complement of any single input assume the logical LOW
state.
The PAL22V10 has 12 inputs and 10 I/O macrocells.
The macrocell (Figure 1) allows one of four potential out-
put configurations; registered output or combinatorial
I/O, active high or active low (see Figure 2). The configu-
ration choice is made according to the user’s design
specification and corresponding programming of the
configuration bits S0 – S1. Multiplexer controls initially
are connected to ground (0) through a programmable
fuse, selecting the “0” path through the multiplexer. Pro-
gramming the fuse disconnects the control line from
GND and it is driven to a high level, selecting the “1”
path.
The device is produced with a fuse link at each input to
the AND gate array, and connections may be selectively
removed by applying appropriate voltages to the circuit.
Variable Input/Output Pin Ratio
The PAL22V10 has twelve dedicated input lines, and
each macrocell output can be an I/O pin. Buffers for de-
vice inputs have complementary outputs to provide
user-programmable input signal polarity. Unused input
pins should be tied to VCC or GND.
CLK
S1
10
11
00
01
AR
SP
0
1
I/On
S0
S1
S0
Output Configuration
0
0
Registered/Active Low
0
1
Registered/Active High
1
0
Combinatorial/Active Low
1
1
Combinatorial/Active High
0 = Unprogrammed fuse
1 = Programmed fuse
16559C-4
DQ
Q
Figure 1. Output Logic Macrocell Diagram


Similar Part No. - AMPAL22V10

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMPAL20L10-20 AMD-AMPAL20L10-20 Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10AL AMD-AMPAL20L10AL Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10B AMD-AMPAL20L10B Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
More results

Similar Description - AMPAL22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
PLS167-33 AMD-PLS167-33 Datasheet
1,020Kb / 19P
   24-PIN TTL/CMOS PROGRAMMABLE LOGIC SEQUENCERS
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
PLDC20G10B CYPRESS-PLDC20G10B Datasheet
393Kb / 14P
   CMOS Generic 24-Pin Reprogrammable Logic Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com