Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNA-486 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SNA-486
Description  DC - 6.5 GHZ CASCADABLE GAAS MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SNA-486 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SNA-486 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 2Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 3Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 4Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EDS-101396 Rev C
Preliminary
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
SNA-486 DC-6.5 GHz Cascadable MMIC Amplifier
NOTE: While the SNA-486 can be operated at different bias currents, 65 mA is the recommended bias for
lower junction temperature and longer life. This reflects typical operating conditions which we have found
to be an optimal balance between high IP3 and MTTF. In general, MTTF is improved to more than 100,000
hours when biasing at 65 mA and operating up to 85°C ambient temperature.
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
ti
n
U
0
0
1
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d
9
.
3
19
.
3
19
.
3
16
.
3
15
.
3
11
.
3
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d
0
.
2
33
.
2
39
.
0
36
.
0
3
P
B
d
1
n
o
is
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
0
.
7
11
.
7
15
.
7
15
.
7
1
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
d
0
.
1
16
.
1
12
.
2
17
.
1
15
.
1
19
.
1
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
d
4
.
5
16
.
5
12
.
6
17
.
4
11
.
4
10
.
2
1
S
2
1
n
o
it
a
l
o
sI
e
s
r
e
v
e
RB
d
3
.
8
13
.
8
13
.
8
12
.
8
12
.
8
12
.
8
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
d0
.
50
.
50
.
5
Typical RF Performance at Key Operating Frequencies
V
S = 8v
I
D = 65mA Typ.
OIP3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 47 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Frequency (MHz)
Test Conditions:
s
g
n
it
a
R
m
u
m
i
x
a
M
e
t
u
l
o
s
b
A
r
e
t
e
m
a
r
a
P
ti
m
i
L
e
t
u
l
o
s
b
A
I(
t
n
e
rr
u
C
e
c
i
v
e
D
.
x
a
M
D)A
m
0
1
1
y
a
m
s
ti
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
it
a
r
e
p
O
,
n
o
it
a
r
e
p
o
s
u
o
n
it
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
m
u
m
i
x
a
m
e
h
t
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
rr
u
c
d
n
a
e
g
a
tl
o
v
e
c
i
v
e
d
e
h
t
.
e
n
o
e
g
a
p
n
o
e
l
b
a
t
e
h
t
n
i
d
e
if
i
c
e
p
s
s
e
u
l
a
v
g
n
it
a
r
e
p
o
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
it
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
it
i
d
n
o
C
s
a
i
B
I
DVD
T
(
<
J
T
-
L
R
/
)
H
T
l-
j
,
V
(
e
g
a
tl
o
V
e
c
i
v
e
D
.
x
a
M
D)V
7
r
e
w
o
P
t
u
p
n
I
F
R
.
x
a
Mm
B
d
6
1
+
T
(
.
p
m
e
T
n
o
it
c
n
u
J
.
x
a
M
J)C
°
5
7
1
+
T
(
e
g
n
a
R
.
p
m
e
T
g
n
it
a
r
e
p
O
L)C
°
5
8
+
o
t
C
°
0
4
-
.
p
m
e
T
e
g
a
r
o
t
S
.
x
a
MC
°
0
5
1
+
Junction Temperature vs. Dissipated Power
140
150
160
170
180
190
200
0.25
0.3
0.35
0.4
0.45
Dissipated Power (W)
85°C lead temp
MTTF vs. Dissipated Power
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
0.25
0.3
0.35
0.4
0.45
Dissipated Power (W)
85°C lead temp
T
Jmax


Similar Part No. - SNA-486

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-400 SIRENZA-SNA-400 Datasheet
240Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
logo
Stanford Microdevices
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR1 STANFORD-SNA-476-TR1 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR2 STANFORD-SNA-476-TR2 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR3 STANFORD-SNA-476-TR3 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
More results

Similar Description - SNA-486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-386 ETC-SNA-386 Datasheet
351Kb / 4P
DC 3 GHZ CASCADABLE GAAS MMIC AMPLIFIER
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-276 STANFORD-SNA-276 Datasheet
81Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-676 STANFORD-SNA-676 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 STANFORD-SNA-200 Datasheet
67Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-600 SIRENZA-SNA-600 Datasheet
240Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 SIRENZA-SNA-200 Datasheet
173Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com