Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNA-486 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SNA-486
Description  DC - 6.5 GHZ CASCADABLE GAAS MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SNA-486 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SNA-486 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 2Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 3Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 4Page - List of Unclassifed Manufacturers SNA-486 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Description
EDS-101396 Rev C
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of
this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright
2003 Sirenza Microdevices, Inc.. All worldwide rights reserved.
Sirenza Microdevices’ SNA-486 is a GaAs HBT MMICAmplifier
housed in a low-cost, surface-mountable plastic package.
The heterojunction increases breakdown voltage and
minimizes leakage current between junctions. Cancellation
of emitter junction non-linearities results in higher suppression
of intermodulation products.
The use of an external resistor allows for bias flexibility and
stability. These unconditionally stable amplifiers are designed
for use as general purpose 50 ohm gain blocks.
Also available in chip form (SNA-400), its small size (0.38mm
x 0.38mm) and gold metallization make it an ideal choice for
use in hybrid circuits.
SNA-486
DC-6.5 GHz, Cascadable
GaAs MMIC Amplifier
Product Features
•Patented GaAs HBT Technology
• Cascadable 50 Ohm Gain Block
• +32dBm Ouput IP3 at 850MHz
• Operates From Single Supply
• Low Cost Surface Mount Plastic Package
Applications
• Cellular, PCS, CDPD, Wireless Data, SONET
Gain & Return Loss vs. Frequency
(ID=65mA, TLEAD=+25°C)
0
4
8
12
16
0
1234567
Frequency (GHz)
-20
-15
-10
-5
0
Gain
Input Return Loss
Output Return Loss
Not Recommended for New Designs
See Application Note AN-017 for Alternates
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
y
c
n
e
u
q
e
r
F
s
t
i
n
U
.
n
i
M
.
p
y
T
.
x
a
M
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
m
B
d
m
B
d
m
B
d
5
.
5
1
1
.
7
1
5
.
7
1
5
.
7
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
O
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
m
B
d
m
B
d
m
B
d
9
.
7
2
3
.
2
3
9
.
0
3
6
.
0
3
S
1
2
n
i
a
G
l
a
n
g
i
S
ll
a
m
S
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
B
d
B
d
B
d
5
.
2
1
2
.
2
1
9
.
3
1
6
.
3
1
5
.
3
1
3
.
5
1
0
.
5
1
h
t
d
i
w
d
n
a
BS
y
b
d
e
n
i
m
r
e
t
e
D
(
1
1
S
,
2
2
)
s
e
u
l
a
Vz
H
M0
0
5
6
R
W
S
V
N
I
R
W
S
V
t
u
p
n
Iz
H
M
0
0
5
6
-
C
D-
1
:
7
.
1
R
W
S
V
T
U
O
R
W
S
V
t
u
p
t
u
Oz
H
M
0
0
5
6
-
C
D-
1
:
6
.
1
S
2
1
n
o
it
a
l
o
s
I
e
s
r
e
v
e
R
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
B
d
B
d
B
d
3
.
8
1
2
.
8
1
2
.
8
1
F
Ne
r
u
g
i
F
e
s
i
o
Nz
H
M
0
5
9
1B
d0
.
55
.
6
V
D
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
e
c
i
v
e
DV
5
.
40
.
55
.
5
I
D
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
e
c
i
v
e
DA
m8
55
62
7
R
H
T
l
-j
,)
d
a
e
l
-
n
o
it
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
o
W
/
C4
5
2
Test Conditions:
V
S = 8 V
I
D = 65 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 47 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms


Similar Part No. - SNA-486

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-400 SIRENZA-SNA-400 Datasheet
240Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
logo
Stanford Microdevices
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR1 STANFORD-SNA-476-TR1 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR2 STANFORD-SNA-476-TR2 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR3 STANFORD-SNA-476-TR3 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
More results

Similar Description - SNA-486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-386 ETC-SNA-386 Datasheet
351Kb / 4P
DC 3 GHZ CASCADABLE GAAS MMIC AMPLIFIER
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-276 STANFORD-SNA-276 Datasheet
81Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-676 STANFORD-SNA-676 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 STANFORD-SNA-200 Datasheet
67Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-600 SIRENZA-SNA-600 Datasheet
240Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 SIRENZA-SNA-200 Datasheet
173Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com