Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-1206F Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-1206F
Description  Fast Acting Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206F Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-1206F Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206F Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206F Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206F Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF-1206F Series - Fast Acting Surface Mount Fuses
Average Time Current Curves
Minimum I2T V Clear Time Curves
100
10
1
0.1
0.001
0.01
0.1
1
10
CURRENT (A)
100
0.50 A
4.00 A
0.80 A
3.00 A
1.00 A
2.50 A
1.25 A
2.00 A
5.00 A
7.00 A
1.50 A
100
10
1
0.1
0.01
0.001
0.001
0.01
0.1
CLEARING TIME (S)
1
7.00 A
5.00 A
1.50 A
1.25 A
1.00 A
0.80 A
0.50 A
3.00 A
2.50 A
2.00 A
4.00 A
REV. D 03/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - SF-1206F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
Fast Acting SMD Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
SF-1206F Series - Fast Acting Surface Mount Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
SF-1206F Series - Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
More results

Similar Description - SF-1206F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
Raychem Fast Acting Surface-Mount Fuses
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
logo
List of Unclassifed Man...
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
2410 Fast Acting Surface Mount Fuses
F0402FA0500V024T ETC2-F0402FA0500V024T Datasheet
97Kb / 4P
0402 Fast Acting Surface Mount Fuses
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
1206 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com