Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-1206F Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-1206F
Description  Fast Acting Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206F Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-1206F Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206F Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206F Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206F Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single blow fuse for overcurrent
protection
3216 (EIA 1206) miniature footprint
Fast acting fuse
UL listed
RoHS compliant* and halogen free**
Thin film chip fuse
Surface mount packaging for automated
assembly
Electrical Characteristics
SF-1206F Series - Fast Acting Surface Mount Fuses
***Resistance value was measured with less than 10 % of rated current.
Reliability Testing
Typical Part Marking
Represents total content. Layout may
vary.
How to Order
SF - 1206 F 050 - 2
SinglFuse™
Product Designator
SMD Footprint
3216 (1206) size
Fuse Blow Type
F = Fast acting
S = Slow blow
Rated Current
050-700 (500 mA - 7.00 A)
Packaging Type
- 2 = Tape & Reel (5,000 pcs./reel)
Model
Rated Current
(Amps)
Fusing Time
Resistance
(mΩ) Typ.***
Rated Voltage
Breaking Capacity
Typical
I2t (A2s)
SF-1206F050
0.50
Open within 1 min.
at 200 % rated
current
590
DC 63 V
DC 63 V
50 A
0.011
SF-1206F080
0.80
225
0.031
SF-1206F100
1.00
130
0.034
SF-1206F125
1.25
88
0.062
SF-1206F150
1.50
65
0.144
SF-1206F200
2.00
38
0.181
SF-1206F250
2.50
32
DC 32 V
DC 32 V
50 A
0.351
SF-1206F300
3.00
23
0.501
SF-1206F400
4.00
15
DC 24 V
DC 24 V
50 A
0.954
SF-1206F500
5.00
11
0.966
SF-1206F700
7.00
7
3.25
Parameter
Requirement
Test Method
Carrying Capacity ..................................... No fusing....................................................Rated current, 4 hours
Fusing Time .............................................. Within 1 minute ..........................................200 % of its rated current
Interrupting Ability ..................................... No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test............................................. No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
Resistance to Solder Heat........................ ±20 %.........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability .............................................. 95 % coverage minimum ...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise ..................................... <75 ° ..........................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat............................. ±20 %.........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent............................... No evident damage on protective ..............23 °C ±5 °C of isopropyl alcohol, 90 seconds coating
and marking
Residual Resistance................................. 10k W or more ...........................................Measure DC resistance after fusing
Thermal Shock ......................................... DR < 10 % .................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
RATING CURRENT (A)
F = 0.50
K = 0.80
L = 1.00
M = 1.25
P = 1.50
S = 2.00
T = 2.50
3 = 3.00
W = 4.00
Y = 5.00
Z = 7.00
SinglFuseSF-1206F Series Features
* RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
** Bourns is using the definition that appears to be the prevalent definition used as the industry standard at this time. The Bourns definition of “halogen-free” is:
Bromine (Br) content:
≤ 900 ppm; Chlorine (Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤1500 ppm.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - SF-1206F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
   Fast Acting SMD Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
More results

Similar Description - SF-1206F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
List of Unclassifed Man...
F0402FA0500V024T ETC2-F0402FA0500V024T Datasheet
97Kb / 4P
   0402 Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com