Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-10GIG-MC Datasheet(PDF) 1 Page - THOR communications

Part # F-10GIG-MC
Description  The F-10GIG-MC is a 10 gigabit media converter and repeater for SFP or XFP based modules.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-10GIG-MC Datasheet(HTML) 1 Page - THOR communications

  F-10GIG-MC Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-10GIG-MC
The F-10GIG-MC is a 10 gigabit media
converter and repeater for SFP or XFP
based modules. Our two slot chassis is
available for dual SFP or XFP modules.
We also offer conversion from SFP to
XFP and vise versa. Our media converters are a dynamic fiber conversion system and are protocol
transparent for 10 gigabit links. Any 10 Gigabit SFP or XFP module can be used including copper
standards such as 10GBASE-CX4 or 10GBASE-T for conversion to coax or twisted pair cabling. The
F-10GIG-MC is ideal for applications such as linking a 10 Gigabit switch via copper to a fiber
backbone, or for linking two copper connected 10 Gigabit servers over fiber. We also offer
multiplexing solutions for WDM, CWDM, and DWDM. Please contact our engineering team for more
details.
Typical F-10GIG-MC Application
Technical Specifications
MTBF
250,000 Hr (estimated)
CE Approval
Yes
Compatibilities 10GBASE-SR SFP+ LSP-10G-MMLC
10GBASE-LR SFP+ LSP-10G-SMLC10
10GBASE-SR XFP LXP-10G-MMLC
10GBASE-LR XFP LXP-10G-SMLC10
10GBASE-CX4 XFP LXP-10G-CX4
10-GbE SFP+ to XFP Conversion
10-GbE SFP+ to SFP+ Conversion
10-GbE XFP to XFP Conversion
Physical Characteristics
Operating Temp:
0 – 50 (°C)
Storage Temp:
-20 – 75 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
1.75x8.0x17.0 (in)
1.0x3.1x4.8
Weight
1.0 lb. (0.45 kg)
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


Similar Part No. - F-10GIG-MC

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-1000U TRIAD-F-1000U Datasheet
219Kb / 3P
   Chassis Mount: Single Secondary
F-1000U TRIAD-F-1000U Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
F-105Z TRIAD-F-105Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
F-106Z TRIAD-F-106Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
logo
List of Unclassifed Man...
F-107Z ETC2-F-107Z Datasheet
52Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - F-10GIG-MC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL9020 AXIOMTEK-EL9020 Datasheet
525Kb / 4P
   Hardened 10/100/1000BASE-TX to Gigabit SFP Media Converter
logo
Level One
GVM-1000 LVL1-GVM-1000 Datasheet
1Mb / 3P
   RJ45 to SFP Managed Gigabit Media Converter
logo
MRV Communications, Inc...
EM316-2XFP MRV-EM316-2XFP Datasheet
141Kb / 3P
   XFP-to-XFP 10-Gigabit Repeaters
logo
Advantech Co., Ltd.
SFP-GMM-550 ADVANTECH-SFP-GMM-550 Datasheet
290Kb / 2P
   Small Form-Factor Pluggable SFP. SFP and XFP Modules
22-Apr-2019
logo
MRV Communications, Inc...
XFP-10GD-SX MRV-XFP-10GD-SX Datasheet
59Kb / 2P
   10 Gigabit XFP Transceivers
logo
List of Unclassifed Man...
G-SFP-S35 ETC2-G-SFP-S35 Datasheet
434Kb / 3P
   Gigabit SFP Modules
logo
Molex Electronics Ltd.
74441-0007 MOLEX-74441-0007 Datasheet
333Kb / 2P
   0.80mm (.031") Pitch Z-Axis Pluggable Host Connector for 10 Gigabit XFP Modules
logo
Littelfuse
EL731 LITTELFUSE-EL731 Datasheet
375Kb / 2P
   The EL731 is a microprocessor-based
logo
Infineon Technologies A...
V23833-F0105-B001 INFINEON-V23833-F0105-B001 Datasheet
487Kb / 2P
   10 Gigabit XFP SerialHot-Pluggable Transceiver
2003
logo
Tripp Lite. All Rights ...
N785-H01-SFP TRIPPLITE-N785-H01-SFP Datasheet
47Kb / 4P
   Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com