Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS121SZQ2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS121SZQ2
Description  Highest quality for the most demanding applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS121SZQ2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS121SZQ2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS121SZQ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IP67 Sealed Thumb Switches
Highest quality for the most demanding applica-
tions
SPECIFICATIONS: 
Contact Ra ngs  6 amp at 125 VAC, 3 amp @ 250 VAC
Life Under Load — 60,000 make‐and‐break cycles — resis ve load only.
Mechanical Life— 60,000+ cycles
Ini al Contact Resistance — 10 milliohms maximum 3 VDC, 100 ma.
Insula on Resistance — 1,000 megohms, min.
Dielectric Strength — 1,000 volts rms at sea level.
Opera ng Temperature — ‐30 degrees C to 85 degrees C.
Contact
Electroswitch
Phone: 888-768-2797
sales@electro-nc.com
All Information subject to change without notice
Flier EEP–TS RevA ©Copyright Electroswitch 2015
Catalog No.
Poles
Action
Actuator
Terminal
Terminal
Plating
Actuator Color
TS121SZQ2
1
on-off-on
Standard
Solder
Silver
Black
TS123SZQ2
1
on-none-on
Standard
Solder
Silver
Black
TS126SZQ2
1
on-none-mom
Standard
Solder
Silver
Black
TS127SZQ2
1
mom-off-mom
Standard
Solder
Silver
Black
TS131SZQ2
1
on-off-mom
Standard
Solder
Silver
Black


Similar Part No. - TS121SZQ2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TS1211.5 LITTELFUSE-TS1211.5 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS121150 LITTELFUSE-TS121150 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS12130 LITTELFUSE-TS12130 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS1214 LITTELFUSE-TS1214 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS12190 LITTELFUSE-TS12190 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
More results

Similar Description - TS121SZQ2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
   The Clear Solution for Demanding Touch Applications
logo
Abracon Corporation
AXS-2012-02-04 ABRACON-AXS-2012-02-04 Datasheet
420Kb / 1P
   Highest quality socket available
07.10.09
AXS-3225-04-04 ABRACON-AXS-3225-04-04 Datasheet
1Mb / 1P
   Highest quality socket available
02.15.16
logo
Advanced Micro Devices
S400 AMD-S400 Datasheet
1Mb / 2P
   Precise Synchronization for Demanding Applications
logo
Axiomtek Co., Ltd.
FSC_SERIES AXIOMTEK-FSC_SERIES Datasheet
88Kb / 1P
   Suitable for high demanding applications
FID AXIOMTEK-FID Datasheet
186Kb / 1P
   Suitable for high demanding applications
logo
E+E Elektronik Ges.m.b....
EE820 EPLUSE-EE820 Datasheet
1Mb / 7P
   CO2 Sensor for Demanding Applications
05-2023
logo
rfsolutions.ltd
M100EVO RFSOLUTIONS-M100EVO Datasheet
2Mb / 2P
   perfect solution for demanding M2M applications.
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
   The T2200 detects the highest
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com