Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK504 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 2Page - ATMEL Corporation STK504 Datasheet HTML 3Page - ATMEL Corporation STK504 Datasheet HTML 4Page - ATMEL Corporation STK504 Datasheet HTML 5Page - ATMEL Corporation STK504 Datasheet HTML 6Page - ATMEL Corporation STK504 Datasheet HTML 7Page - ATMEL Corporation STK504 Datasheet HTML 8Page - ATMEL Corporation STK504 Datasheet HTML 9Page - ATMEL Corporation STK504 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Sources for more information.
Crystal socket:
In this socket you can mount a crystal of your choosing. Set the clock
switch to HF. See Clock Sources for more information.
32kHz crystal:
This 32kHz crystal can be routed to the AVR through the clock switch.
Set the switch to LF. See Clock Sources for more information.
JTAG:
Here you can connect your JTAGICE mkII or other JTAG test equipment.
See the JTAG Connection chapter for a detailed description.
SPROG:
The AVR can be programmed through this connector using the ISP
programming mode. See In-System Programming for more information.
Mounting the STK504
The first thing you should do is to mount the STK504 onto the STK500.
1.
Turn off the power on STK500.
2.
Remove any other top card from the STK500.
3.
Remove any AVR mounted in any of the sockets on the STK500.
4.
Place the STK504 on top of the STK500. Make sure the EXPAND0 and
EXPAND1 connectors on both cards align properly (see figure 3-2).
Figure 3-2: Mounting the STK504
Placing the AVR in the ZIF socket
The ZIF socket located on the STK504 board takes AVRs with LCD controller in
6


Similar Part No. - STK504

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
More results

Similar Description - STK504

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
   TFT-LCD Controller with built-in Gate/Source Driver
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
logo
Bolymin, Inc
BP320240E BOLYMIN-BP320240E Datasheet
84Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
logo
Sanyo Semicon Device
LC58E68 SANYO-LC58E68 Datasheet
463Kb / 19P
   4-Bit Microprocessor with Built-in EPROM and LCD Drivers
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
logo
Renesas Technology Corp
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
logo
NEC
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com