Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK504 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 13Page - ATMEL Corporation STK504 Datasheet HTML 14Page - ATMEL Corporation STK504 Datasheet HTML 15Page - ATMEL Corporation STK504 Datasheet HTML 16Page - ATMEL Corporation STK504 Datasheet HTML 17Page - ATMEL Corporation STK504 Datasheet HTML 18Page - ATMEL Corporation STK504 Datasheet HTML 19Page - ATMEL Corporation STK504 Datasheet HTML 20Page - ATMEL Corporation STK504 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
SE
G2
4
PD
2
29 30 PD
1
SE
G2
5
SE
G2
6
PD
0
31 32 PJ6 SE
G2
7
SE
G2
8
PJ5 33 34 PJ4 SE
G2
9
SE
G3
0
PP
J3
35 36 PJ2 SE
G3
1
SE
G3
2
PG
4
37 38 PG
3
SE
G3
3
SE
G3
4
PJ1 39 40 PJ0 SE
G3
5
SE
G3
6
PH
7
41 42 PH
6
SE
G3
7
SE
G3
8
PH
5
43 44 PH
4
SE
G3
9
The STK504's on-board LCD display is mapped into the AVR's LCD data
registers as shown below.
Figure B-1: LCD segments
Table B-3: LCD segment mapping
Comm
on
lines
Bits
Registe
rs
7
6
5
4
3
2
1
0
COM3 9A
9B
10A
10B
11A
11B
12A
12B
LCDD
R19
20


Similar Part No. - STK504

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
More results

Similar Description - STK504

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
   TFT-LCD Controller with built-in Gate/Source Driver
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
logo
Bolymin, Inc
BP320240E BOLYMIN-BP320240E Datasheet
84Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
logo
Sanyo Semicon Device
LC58E68 SANYO-LC58E68 Datasheet
463Kb / 19P
   4-Bit Microprocessor with Built-in EPROM and LCD Drivers
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
logo
Renesas Technology Corp
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
logo
NEC
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com