Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK504 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 13Page - ATMEL Corporation STK504 Datasheet HTML 14Page - ATMEL Corporation STK504 Datasheet HTML 15Page - ATMEL Corporation STK504 Datasheet HTML 16Page - ATMEL Corporation STK504 Datasheet HTML 17Page - ATMEL Corporation STK504 Datasheet HTML 18Page - ATMEL Corporation STK504 Datasheet HTML 19Page - ATMEL Corporation STK504 Datasheet HTML 20Page - ATMEL Corporation STK504 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
High-Voltage
programming
does not
work.
The BSEL2, OSCSEL,
RESET and VTARGET
jumpers on STK500
are not set right. The
jumper on pin 6 and 8
on the PORTG header
is not mounted
See the Programming the AVR chapter for
setup.
High-Voltage
programming
does not
work.
The STK504 clock
switch is in the wrong
position.
Set the switch to the EXT position. See
also Programming the AVR.
General problems
Problem
Cause
Solution
Some of the
port pins are
not working .
The AVR is not
properly mounted in
the ZIF socket.
Make sure the chip is properly aligned in
the socket. When the spring-loaded latch
is released, the chip should fit nicely into
the bottom of the socket.
The code isn't
running.
The AVR has
no/wrong clock
source.
According to the clock fuse setting, select
the appropriate clock source on STK500
and STK504. Check the OSCSEL jumper
on STK500 and clock switch on STK504. If
you are using a crystal in one of the
sockets, check that it is firmly mounted in
its socket.
The AVR will
not run on x
MHz, but
works ok on
lower
frequencies.
The clock frequency
is exceeding the
clock rate of the AVR
(at a certain operating
voltage).
Check that you are running the AVR
within specifications. Check the speed
grade of the AVR and consult the
datasheet for operating frequencies and
voltages.
The AVR will
not run on x
MHz, but
works ok on
lower
frequencies. I
have a x MHz
crystal
mounted on
STK500
Crystals should be
placed in the crystal
socket on STK504.
Place the crystal in the socket on STK504.
Set the clock switch to the HF position.
17


Similar Part No. - STK504

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
More results

Similar Description - STK504

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
   TFT-LCD Controller with built-in Gate/Source Driver
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
logo
Bolymin, Inc
BP320240E BOLYMIN-BP320240E Datasheet
84Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
logo
Sanyo Semicon Device
LC58E68 SANYO-LC58E68 Datasheet
463Kb / 19P
   4-Bit Microprocessor with Built-in EPROM and LCD Drivers
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
logo
Renesas Technology Corp
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
logo
NEC
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com