Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK504 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 12Page - ATMEL Corporation STK504 Datasheet HTML 13Page - ATMEL Corporation STK504 Datasheet HTML 14Page - ATMEL Corporation STK504 Datasheet HTML 15Page - ATMEL Corporation STK504 Datasheet HTML 16Page - ATMEL Corporation STK504 Datasheet HTML 17Page - ATMEL Corporation STK504 Datasheet HTML 18Page - ATMEL Corporation STK504 Datasheet HTML 19Page - ATMEL Corporation STK504 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Troubleshooting Guide
This section contains information on common problems and solutions.
LCD problems
Problem
Cause
Solution
Nothing is
shown on the
LCD
LCD not connected to
AVR
Connect the flat cable between the AVR
SEGMEN PINS and LCD PINS connectors.
See also Using the LCD.
Nothing is
shown on the
LCD
Faulty LCD
initialization
Check your code that initializes the LCD
driver.
The Application Note "AVR065 LCD driver for
the STK502 LCD" describes how to control
the LCD-display
Nothing is
shown on the
LCD
The update frequency
is not correct.
Check the clock prescaling in your
initialization. Check that the clock source
selected on STK504 is correct. See STK504
Clock Sources for more information.
Some LCD
segments
seem stuck.
Some of the port pins
used for driving the
LCD are also
connected to
something else.
Check that the pins used to drive the LCD
are not connected to something else on
either STK500 or STK504.
Programming problems
Problem
Cause
Solution
ISP
programming
does not work
ISP cable is not
connected
Connect a 6-pin cable between the
ISP6PIN connector on STK500 and the ISP
connector on STK504. See also
Programming the AVR.
ISP
programming
does not work
The reset signal is not
connected to the AVR
on STK504
Mount a jumper on pin 6 and 8 on PORTG.
ISP
programming
does not work
The AVR is running at
too low clock
frequency.
Make sure the clock switch on STK500 is
in the right position. In the Board page of
the programming dialog in AVR Studio,
try reducing the clock frequency to less or
equal to the frequency the AVR is running
at.
High-Voltage
programming
does not
work.
The 10-pin cables are
not connected
correctly.
See the Programming the AVR chapter for
setup.
16


Similar Part No. - STK504

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
More results

Similar Description - STK504

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
   TFT-LCD Controller with built-in Gate/Source Driver
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
logo
Bolymin, Inc
BP320240E BOLYMIN-BP320240E Datasheet
84Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
logo
Sanyo Semicon Device
LC58E68 SANYO-LC58E68 Datasheet
463Kb / 19P
   4-Bit Microprocessor with Built-in EPROM and LCD Drivers
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
logo
Renesas Technology Corp
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
logo
NEC
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com