Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK504 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 8Page - ATMEL Corporation STK504 Datasheet HTML 9Page - ATMEL Corporation STK504 Datasheet HTML 10Page - ATMEL Corporation STK504 Datasheet HTML 11Page - ATMEL Corporation STK504 Datasheet HTML 12Page - ATMEL Corporation STK504 Datasheet HTML 13Page - ATMEL Corporation STK504 Datasheet HTML 14Page - ATMEL Corporation STK504 Datasheet HTML 15Page - ATMEL Corporation STK504 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
STK504 Clock Sources
The STK504 can supply three kinds of external clock sources to the AVR
mounted in the ZIF socket: On-board 32kHz crystal, a higher frequency crystal
mounted in the on-board socket and a clock supplied from STK500.
The clock switch
The clock switch has three positions, EXT, LF and HF as shown in figure 5-1.
See table 5-1 for function.
Table 5-1: Clock switch positions
Position
Function
EXT
Clock from STK500. (See STK500
documentation for more information.)
LF
On-board 32kHz crystal
HF
Crystal placed in the socket marked HF
on STK504
Figure 5-1: Clock switch
EXT – STK500 as clock source
If you put the switch in the EXT position, you will supply the externally generated
clock (from STK500) to the XTAL/TOSC pins of the AVR. Check the STK500
help file for more information on how to set the different clock options.
LF – Low-Frequency 32kHz crystal
The STK504 has a 32kHz (32,768Hz) crystal that can be connected to the
XTAL/TOSC pins when the switch is set to the LF position.
HF – High-Frequency crystal
12


Similar Part No. - STK504

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
More results

Similar Description - STK504

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
   TFT-LCD Controller with built-in Gate/Source Driver
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
logo
Bolymin, Inc
BP320240E BOLYMIN-BP320240E Datasheet
84Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
logo
Sanyo Semicon Device
LC58E68 SANYO-LC58E68 Datasheet
463Kb / 19P
   4-Bit Microprocessor with Built-in EPROM and LCD Drivers
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
logo
Renesas Technology Corp
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
logo
NEC
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com