Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK504 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 5Page - ATMEL Corporation STK504 Datasheet HTML 6Page - ATMEL Corporation STK504 Datasheet HTML 7Page - ATMEL Corporation STK504 Datasheet HTML 8Page - ATMEL Corporation STK504 Datasheet HTML 9Page - ATMEL Corporation STK504 Datasheet HTML 10Page - ATMEL Corporation STK504 Datasheet HTML 11Page - ATMEL Corporation STK504 Datasheet HTML 12Page - ATMEL Corporation STK504 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
To be able to program the AVR using ISP proramming, the AVR must have ISP
programming enabled (the ISP programming enable fuse must be set). ISP
programming can be enabled by High-Voltage Programming or JTAG
Programming.
Please consult the Fuses section in the STK500 documentation.
High-Voltage programming
High-Voltage Programming requires the target voltage to be set to 5V. If you
have any external hardware connected to STK504/STK500 that doesn not
tolerate 5V, it must be disconnected before you High-Voltage program the AVR.
To program the AVR mounted on STK504 using High-Voltage Programming,
follow these steps:
1.
Turn off the STK500 power switch
2.
Disconnect from STK500 and STK504 any hardware that does not tolerate
5V.
3.
Connect the PROGCTRL to PORTD and PROGDATA to PORTB on the
STK500 as shown on the figure 4-2 below.
4.
Set jumpers and switches accroding to this table 4-1.
5.
Turn on STK500 power.
6.
Then start the AVR Programmer found on the Tools menu in AVR Studio
("Tools/Program AVR/ Connect...")
Figure 4-2: High-Voltage programming setup
9


Similar Part No. - STK504

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
More results

Similar Description - STK504

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
   TFT-LCD Controller with built-in Gate/Source Driver
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
logo
Bolymin, Inc
BP320240E BOLYMIN-BP320240E Datasheet
84Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
logo
Sanyo Semicon Device
LC58E68 SANYO-LC58E68 Datasheet
463Kb / 19P
   4-Bit Microprocessor with Built-in EPROM and LCD Drivers
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
logo
Renesas Technology Corp
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
   LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
logo
NEC
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com