Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5046A Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI-5046A
Description  Sample and Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5046A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI-5046A Datasheet HTML 4Page - Intersil Corporation HI-5046A Datasheet HTML 5Page - Intersil Corporation HI-5046A Datasheet HTML 6Page - Intersil Corporation HI-5046A Datasheet HTML 7Page - Intersil Corporation HI-5046A Datasheet HTML 8Page - Intersil Corporation HI-5046A Datasheet HTML 9Page - Intersil Corporation HI-5046A Datasheet HTML 10Page - Intersil Corporation HI-5046A Datasheet HTML 11Page - Intersil Corporation HI-5046A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HI-5046A/883
11
FN8274.0
May 3, 2012
FIGURE 23. POWER CONSUMPTION vs FREQUENCY
Design Information The information contained in this section has been developed through characterization and is for use as
application and design information only. No guarantee is implied.
Typical Performance Curves TA = +25°C, VSUPPLY = ±15V (Continued)
TOGGLE FREQUENCY (50% DUTY CYCLE) (Hz)
200
160
120
80
40
10k
100k
1M
1k
0


Similar Part No. - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5046A HARRIS-HI-5046A Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
More results

Similar Description - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com