Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5046A Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI-5046A
Description  Sample and Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5046A Datasheet(HTML) 2 Page - Intersil Corporation

  HI-5046A Datasheet HTML 1Page - Intersil Corporation HI-5046A Datasheet HTML 2Page - Intersil Corporation HI-5046A Datasheet HTML 3Page - Intersil Corporation HI-5046A Datasheet HTML 4Page - Intersil Corporation HI-5046A Datasheet HTML 5Page - Intersil Corporation HI-5046A Datasheet HTML 6Page - Intersil Corporation HI-5046A Datasheet HTML 7Page - Intersil Corporation HI-5046A Datasheet HTML 8Page - Intersil Corporation HI-5046A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HI-5046A/883
2
FN8274.0
May 3, 2012
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
±VSUPPLY to Ground (V+, V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±18V
VR to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VSUPPLY
VL to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VSUPPLY
Digital and Analog Input Voltage (VA, VS, VD) . . . . . . . . . . . . +VSUPPLY +4V
-VSUPPLY -4V
Peak Current (Source to Drain)
(Pulse at 1ms, 10% Duty Cycle Max) . . . . . . . . . . . . . . . . . . . . . . . . 70mA
Continuous Current Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .<2000V
Thermal Resistance
θJA (°C/W) θJC (°C/W)
CerDIP Package . . . . . . . . . . . . . . . . . . . . . .
82
20
Package Power Dissipation at +75°C
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Package Power Dissipation Derating Factor above +75°C
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12.3mW/°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+175°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . . . . . . . .+300°C
Recommended Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Operating Supply Voltage Range
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±15V
Logic Supply Voltage (VL). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.0V
Logic Reference Voltage (VR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.0V
Analog Input Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VSUPPLY
Address Low Level (VAL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 0.8V
Address High Level (VAH). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V to +5.0V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
TABLE 1. D.C. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Tested at: Supply Voltage =
±15V, VL = +5.0V, VR = 0.0V, VAH = 2.4V, VAL = +0.8V, unused pins are grounded, unless otherwise specified.
D.C. PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
(°C)
MIN
MAX
UNITS
Switch “ON” Resistance
RDS2
VD = -10V, IS = 10mA
S1/S2/S3/S4
1
+25
-
45
2, 3
-55 to +125
-
50
VD = 10V, IS = -10mA
S1/S2/S3/S4
1
+25
-
45
2, 3
-55 to +125
-
50
Source “OFF”
Leakage Current
IS(OFF)
VS = -10V, VD = 10V
S1/S2/S3/S4
1
+25
-1
1
nA
2, 3
-55 to +125
-100
100
nA
VS = 10V, VD = -10V
S1/S2/S3/S4
1
+25
-1
1
nA
2, 3
-55 to +125
-100
100
nA
Drain “OFF”
Leakage Current
ID(OFF)
VD = -10V, VS = 10V
S1/S2/S3/S4
1
+25
-1
1
nA
2, 3
-55 to +125
-100
100
nA
VD = 10V, VS = -10V
S1/S2/S3/S4
1
+25
-1
1
nA
2, 3
-55 to +125
-100
100
nA
Channel “ON”
Leakage Current
ID(ON)
VD = VS = 10V
S1/S2/S3/S4
1
+25
-2
2
nA
2, 3
-55 to +125
-200
200
nA
VD = VS = -10V
S1/S2/S3/S4
1
+25
-2
2
nA
2, 3
-55 to +125
-200
200
nA
Low Level Address Current
IAL
VA = 0V
1
+25
-1
1
µA
2, 3
-55 to +125
-10
1
µA
High Level Address Current
IAH
VA = 2.4V, 5V
1
+25
-1
1
µA
2, 3
-55 to +125
-1
10
µA
Positive Supply Current
+ICC
VA = 0V, 5V
1
+25
-
200
µA
2, 3
-55 to +125
-
300
µA
Negative Supply Current
-ICC
VA = 0V, 5V
1
+25
-200
-
µA
2, 3
-55 to +125
-300
-
µA


Similar Part No. - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5046A HARRIS-HI-5046A Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
More results

Similar Description - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com