Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5046A Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI-5046A
Description  Sample and Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5046A Datasheet(HTML) 1 Page - Intersil Corporation

  HI-5046A Datasheet HTML 1Page - Intersil Corporation HI-5046A Datasheet HTML 2Page - Intersil Corporation HI-5046A Datasheet HTML 3Page - Intersil Corporation HI-5046A Datasheet HTML 4Page - Intersil Corporation HI-5046A Datasheet HTML 5Page - Intersil Corporation HI-5046A Datasheet HTML 6Page - Intersil Corporation HI-5046A Datasheet HTML 7Page - Intersil Corporation HI-5046A Datasheet HTML 8Page - Intersil Corporation HI-5046A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DPDT CMOS Analog Switch
HI-5046A/883
This CMOS analog switch offers low-resistance switching
performance for analog voltages up to the supply rails and for
signal currents up to 70mA. “ON” resistance is low and stays
reasonably constant over the full range of operating signal
voltage and current. RON remains exceptionally constant for
input voltages between +5V and -5V and currents up to 50mA.
Switch impedance also changes very little over temperature,
particularly between 0°C and +75°C. RON is nominally 25Ω
for the HI-5046A/883.
This device provides break-before-make switching and is TTL
and CMOS compatible for maximum application versatility.
Performance is further enhanced by Dielectric Isolation
processing which insures latch-free operation with very low
input and output leakage currents (0.8nA at +25°C). The
HI-5046A/883 also features very low power operation (1.5mW
at +25°C). The HI-5046A/883 is available in a 16 Ld CerDIP
package and is specified over the temperature range of -55°C
to +125°C.
Features
• This Circuit is Processed in Accordance to MIL-STD-883 and
is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• Wide Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Low “On” Resistance . . . . . . . . . . . . . . 25Ω (Typ), 50Ω (Max)
• High Current Capability . . . . . . . . . . . . . . . . . . . . . 70mA (Max)
• Break-Before-Make Switching
- Turn-On Time. . . . . . . . . . . . . . . . . 370ns (Typ), 800ns (Max)
- Turn-Off Time . . . . . . . . . . . . . . . .280ns (Typ), 400ns (Max)
•No Latch Up
• Input MOS Gates are Protected from Electrostatic Discharge
• DTL, TTL, CMOS, PMOS Compatible
Applications
•High Frequency Analog
• Sample and Hold
• Digital Filters
• Operational Amplifier Gain Switching
Functional Diagram
LOGIC “1” INPUT
NOTE: Source and Drain are arbitrarily depicted as Analog Input and
Output, respectively. They may be interchanged without affecting
performance.
Pin Configuration
HI1-5046/883
(16 LD CERDIP)
TOP VIEW
LOGIC “0” INPUT
NOTE: Unused pins may be internally connected. Ground all unused pins.
Ordering Information
PART NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
HI1-5046A/883 HI1-5046A/883 -55 to +125 16 Ld CerDIP F16.3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
V-
V+
D2
D1
S1
S2
S4
D4
D3
VL
VR
A
S3
S
N
A
P
D
12
11
13
14
15
3
4
1
16
8
9
6
5
D1
D2
D4
D3
S1
S3
S4
S2
A
V-
VR
V+
VL
TYPICAL SWITCH
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 1989, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
May 3, 2012
FN8274.0


Similar Part No. - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5046A HARRIS-HI-5046A Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
More results

Similar Description - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com