Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5046A Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI-5046A
Description  Sample and Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5046A Datasheet(HTML) 5 Page - Intersil Corporation

  HI-5046A Datasheet HTML 1Page - Intersil Corporation HI-5046A Datasheet HTML 2Page - Intersil Corporation HI-5046A Datasheet HTML 3Page - Intersil Corporation HI-5046A Datasheet HTML 4Page - Intersil Corporation HI-5046A Datasheet HTML 5Page - Intersil Corporation HI-5046A Datasheet HTML 6Page - Intersil Corporation HI-5046A Datasheet HTML 7Page - Intersil Corporation HI-5046A Datasheet HTML 8Page - Intersil Corporation HI-5046A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HI-5046A/883
5
FN8274.0
May 3, 2012
FIGURE 7. OFF ISOLATION
NOTE: Applies only to dual or double throw switches.
FIGURE 8. CROSSTALK
NOTE: VCTE may be a positive or negative value.
FIGURE 9. CHARGE TRANSFER
Test Circuits (Continued)
50Ω
RL
VOUT
VIN
2VP-P
IN
OUT
OFF ISOLATION
20 Log
V
IN
V
OUT
----------------
⎝⎠
⎜⎟
⎛⎞
=
50Ω
RL
RL
VOUT
VIN
2VP-P
SWITCHED
CHANNEL
CROSSTALK
20 Log
V
IN
V
OUT
----------------
⎝⎠
⎜⎟
⎛⎞
=
D
TO MEASUREMENT
S
CIRCUITRY WITH INPUT
RESISTANCE OF 1MΩ
OR GREATER
0.01MF
DRIVER
f = 200kHz
SQUARE WAVE
tR ≤ 20ns
IF PULSE TEST IS USED:
tR, tF ≤ 20ns
VIN (DRIVER)
VCTE
DROOP CAUSED BY
DEVICE LEAKAGE
AND MEASUREMENT
CIRCUITRY
SWITCHING TRANSIENT
Test Characteristics
FIGURE 10. ON/OFF SWITCH TIME (tON, tOFF)
90%
90%
tOFF
tON
tON
tOFF
90%
90%
VA
OUT 1
OUT 2
VAH
+10V
IN1
IN2
VA
1k
1k


Similar Part No. - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5046A HARRIS-HI-5046A Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
More results

Similar Description - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com